Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2001 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA2001
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2001 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA2001 Datasheet HTML 1Page - NXP Semiconductors PCA2001 Datasheet HTML 2Page - NXP Semiconductors PCA2001 Datasheet HTML 3Page - NXP Semiconductors PCA2001 Datasheet HTML 4Page - NXP Semiconductors PCA2001 Datasheet HTML 5Page - NXP Semiconductors PCA2001 Datasheet HTML 6Page - NXP Semiconductors PCA2001 Datasheet HTML 7Page - NXP Semiconductors PCA2001 Datasheet HTML 8Page - NXP Semiconductors PCA2001 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
PCA2000_2001
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 23 August 2010
2 of 30
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
End Of Life (EOL) indication for silver oxide or lithium battery (only the PCA2000 has
the EOL feature)
Test mode for accelerated testing of the mechanical parts of the watch and the IC
Test bits for type recognition
3.
Applications
Driver circuits for bipolar stepping motors
High immunity motor drive circuits
4.
Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Delivery form
Version
PCA2000U/AC/1
PCA200xU
wire bond die; 8 bonding pads;
1.16
× 0.86 × 0.22 mm
chip in tray
PCA200xU
PCA2001U/AC/1
PCA200xU
wire bond die; 8 bonding pads;
1.16
× 0.86 × 0.22 mm
chip in tray
PCA200xU
PCA2000U/10AC/1 PCA200xU
wire bond die; 8 bonding pads;
1.16
× 0.86 × 0.22 mm
chip on film frame carrier
PCA200xU
PCA2001U/10AC/1 PCA200xU
wire bond die; 8 bonding pads;
1.16
× 0.86 × 0.22 mm
chip on film frame carrier
PCA200xU
PCA2000CX8/5/1
PCA200xCX
wafer level chip-size package;
8 bumps
unsawn wafer with lead free
solder bumps
PCA200xCX
PCA2001CX8/5/1
PCA200xCX
wafer level chip-size package;
8 bumps
unsawn wafer with lead free
solder bumps
PCA200xCX
PCA2000CX8/12/1 PCA200xCX
wafer level chip-size package;
8 bumps
sawn wafer with lead free
solder bumps on Film Frame
Carrier (FFC)
PCA200xCX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com