Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2000UAC Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCA2000UAC
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2000UAC Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCA2000UAC Datasheet HTML 22Page - NXP Semiconductors PCA2000UAC Datasheet HTML 23Page - NXP Semiconductors PCA2000UAC Datasheet HTML 24Page - NXP Semiconductors PCA2000UAC Datasheet HTML 25Page - NXP Semiconductors PCA2000UAC Datasheet HTML 26Page - NXP Semiconductors PCA2000UAC Datasheet HTML 27Page - NXP Semiconductors PCA2000UAC Datasheet HTML 28Page - NXP Semiconductors PCA2000UAC Datasheet HTML 29Page - NXP Semiconductors PCA2000UAC Datasheet HTML 30Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
PCA2000_2001
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 08 — 23 August 2010
26 of 30
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
Device removal can be done when the substrate is heated until it is certain that all solder
joints are molten. The chip can then be carefully removed from the substrate without
damaging the tracks and solder lands on the substrate. Removing the device must be
done using plastic tweezers, because metal tweezers can damage the silicon. The
surface of the substrate should be carefully cleaned and all solder and flux residues
and/or underfill removed. When a new chip is placed on the substrate, use the flux
process instead of solder on the solder lands. Apply flux on the bumps at the chip side as
well as on the solder pads on the substrate. Place and align the new chip while viewing
with a microscope. To reflow the solder, use the solder profile shown in application note
AN10365 “Surface mount reflow soldering description”.
13.3.4 Cleaning
Cleaning can be done after reflow soldering.
14. Abbreviations
15. References
[1]
AN10706 — Handling bare die
[2]
IEC 60134 — Rating systems for electronic tubes and valves and analogous
semiconductor devices
[3]
IEC 61340-5 — Protection of electronic devices from electrostatic phenomena
[4]
JESD22-A114 — Electrostatic Discharge (ESD) Sensitivity Testing Human Body
Model (HBM)
[5]
JESD22-A115 — Electrostatic Discharge (ESD) Sensitivity Testing Machine Model
(MM)
[6]
JESD78 — IC Latch-Up Test
[7]
JESD625-A — Requirements for Handling Electrostatic-Discharge-Sensitive
(ESDS) Devices
[8]
NX3-00092 — NXP store and transport requirements
Table 16.
Abbreviations
Acronym
Description
HBM
Human Body Model
LSB
Least Significant Bit
MM
Machine Model
MSB
Most Significant Bit
OTP
One Time Programmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com