Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS2002S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PBLS2002S
Description  20 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS2002S Datasheet(HTML) 2 Page - NXP Semiconductors

  PBLS2002S Datasheet HTML 1Page - NXP Semiconductors PBLS2002S Datasheet HTML 2Page - NXP Semiconductors PBLS2002S Datasheet HTML 3Page - NXP Semiconductors PBLS2002S Datasheet HTML 4Page - NXP Semiconductors PBLS2002S Datasheet HTML 5Page - NXP Semiconductors PBLS2002S Datasheet HTML 6Page - NXP Semiconductors PBLS2002S Datasheet HTML 7Page - NXP Semiconductors PBLS2002S Datasheet HTML 8Page - NXP Semiconductors PBLS2002S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
PBLS2002S_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2009
2 of 16
NXP Semiconductors
PBLS2002S
20 V PNP BISS loadswitch
2.
Pinning information
3.
Ordering information
4.
Marking
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
input (base) TR2
2
GND (emitter) TR2
3
base TR1
4
emitter TR1
5
collector TR1
6
collector TR1
7
output (collector) TR2
8
output (collector) TR2
4
5
1
8
006aaa813
R1
R2
TR2
TR1
8
7
6
5
1
2
3
4
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PBLS2002S
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
Table 4.
Marking codes
Type number
Marking code
PBLS2002S
LS2002S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com