Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBLS2003S Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PBLS2003S
Description  20 V PNP BISS loadswitch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBLS2003S Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PBLS2003S Datasheet HTML 8Page - NXP Semiconductors PBLS2003S Datasheet HTML 9Page - NXP Semiconductors PBLS2003S Datasheet HTML 10Page - NXP Semiconductors PBLS2003S Datasheet HTML 11Page - NXP Semiconductors PBLS2003S Datasheet HTML 12Page - NXP Semiconductors PBLS2003S Datasheet HTML 13Page - NXP Semiconductors PBLS2003S Datasheet HTML 14Page - NXP Semiconductors PBLS2003S Datasheet HTML 15Page - NXP Semiconductors PBLS2003S Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
PBLS2003S_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 24 August 2009
12 of 16
NXP Semiconductors
PBLS2003S
20 V PNP BISS loadswitch
9.
Package outline
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
Fig 19. Package outline SOT96-1 (SO8)
03-02-18
Dimensions in mm
1.0
0.4
1.75
pin 1 index
0.49
0.36
0.25
0.19
5.0
4.8
4.0
3.8
6.2
5.8
1.27
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
1000
2500
PBLS2003S
SOT96-1
8 mm pitch, 12 mm tape and reel
-115
-118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com