Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1FLEX Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PESD1FLEX
Description  FlexRay bus ESD protection diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD1FLEX Datasheet(HTML) 2 Page - NXP Semiconductors

  PESD1FLEX Datasheet HTML 1Page - NXP Semiconductors PESD1FLEX Datasheet HTML 2Page - NXP Semiconductors PESD1FLEX Datasheet HTML 3Page - NXP Semiconductors PESD1FLEX Datasheet HTML 4Page - NXP Semiconductors PESD1FLEX Datasheet HTML 5Page - NXP Semiconductors PESD1FLEX Datasheet HTML 6Page - NXP Semiconductors PESD1FLEX Datasheet HTML 7Page - NXP Semiconductors PESD1FLEX Datasheet HTML 8Page - NXP Semiconductors PESD1FLEX Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PESD1FLEX_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 15 February 2008
2 of 12
NXP Semiconductors
PESD1FLEX
FlexRay bus ESD protection diode
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1 to 3 or 2 to 3.
Table 2.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode 1
2
cathode 2
3
common cathode
12
3
2
1
006aaa155
3
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PESD1FLEX
-
plastic surface-mounted package; 3 leads
SOT23
Table 4.
Marking codes
Type number
Marking code[1]
PESD1FLEX
ZJ*
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
PPP
peak pulse power
tp = 8/20 µs
[1][2] -
200
W
IPP
peak pulse current
tp = 8/20 µs
[1][2] -3
A
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com