Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PML340SN Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PML340SN
Description  N-channel TrenchMOS standard level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PML340SN Datasheet(HTML) 2 Page - NXP Semiconductors

  PML340SN Datasheet HTML 1Page - NXP Semiconductors PML340SN Datasheet HTML 2Page - NXP Semiconductors PML340SN Datasheet HTML 3Page - NXP Semiconductors PML340SN Datasheet HTML 4Page - NXP Semiconductors PML340SN Datasheet HTML 5Page - NXP Semiconductors PML340SN Datasheet HTML 6Page - NXP Semiconductors PML340SN Datasheet HTML 7Page - NXP Semiconductors PML340SN Datasheet HTML 8Page - NXP Semiconductors PML340SN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PML340SN_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 24 August 2006
2 of 12
Philips Semiconductors
PML340SN
N-channel TrenchMOS standard level FET
3.
Ordering information
4.
Limiting values
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PML340SN
HVSON8
plastic thermal enhanced very thin small outline package; no leads;
8 terminals; body 3.3
× 3.3 × 0.85 mm
SOT873-1
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
25
°C ≤ T
j ≤ 150 °C
-
220
V
VGS
gate-source voltage
-
±20
V
ID
drain current
Tmb =25 °C; VGS = 10 V; see Figure 2 and 3
-
7.3
A
Tmb = 100 °C; VGS = 10 V; see Figure 2
-
4.4
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs; see Figure 3
-14
A
Ptot
total power dissipation
Tmb =25 °C; see Figure 1
-50
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+150
°C
Source-drain diode
IS
source current
Tmb =25 °C
-
7.6
A
ISM
peak source current
Tmb =25 °C; pulsed; tp ≤ 10 µs
-
14
A
Avalanche ruggedness
EDS(AL)S non-repetitive drain-source
avalanche energy
unclamped inductive load; ID = 3.5 A;
tp = 0.05 ms; VDS ≤ 220 V; RGS =50 Ω;
VGS = 10 V; starting at Tj =25 °C
-22
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com