Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB24 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PUMB24
Description  PNP/PNP resistor-equipped transistors R1 = 100 kW, R2 = 100 kW
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PUMB24 Datasheet(HTML) 2 Page - NXP Semiconductors

  PUMB24 Datasheet HTML 1Page - NXP Semiconductors PUMB24 Datasheet HTML 2Page - NXP Semiconductors PUMB24 Datasheet HTML 3Page - NXP Semiconductors PUMB24 Datasheet HTML 4Page - NXP Semiconductors PUMB24 Datasheet HTML 5Page - NXP Semiconductors PUMB24 Datasheet HTML 6Page - NXP Semiconductors PUMB24 Datasheet HTML 7Page - NXP Semiconductors PUMB24 Datasheet HTML 8Page - NXP Semiconductors PUMB24 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
PEMB24_PUMB24_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 2 September 2009
2 of 11
NXP Semiconductors
PEMB24; PUMB24
PNP/PNP resistor-equipped transistors; R1 = 100 k
Ω, R2 = 100 kΩ
2.
Pinning information
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
Table 3.
Pinning
Pin
Description
Simplified outline
Symbol
1
GND (emitter) TR1
2
input (base) TR1
3
output (collector) TR2
4
GND (emitter) TR2
5
input (base) TR2
6
output (collector) TR1
001aab555
6
4
5
1
3
2
006aaa212
5
R1
R2
R2
TR1
TR2
R1
64
2
13
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PEMB24
-
plastic surface mounted package; 6 leads
SOT666
PUMB24
SC-88
plastic surface mounted package; 6 leads
SOT363
Table 5.
Marking codes
Type number
Marking code[1]
PEMB24
6M
PUMB24
T7*



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com