Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC056KM Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # VSC056KM
Description  Enhanced Two-Wire Serial Backplane Controller
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

VSC056KM Datasheet(HTML) 2 Page - Maxim Integrated Products

  VSC056KM Datasheet HTML 1Page - Maxim Integrated Products VSC056KM Datasheet HTML 2Page - Maxim Integrated Products VSC056KM Datasheet HTML 3Page - Maxim Integrated Products VSC056KM Datasheet HTML 4Page - Maxim Integrated Products VSC056KM Datasheet HTML 5Page - Maxim Integrated Products VSC056KM Datasheet HTML 6Page - Maxim Integrated Products VSC056KM Datasheet HTML 7Page - Maxim Integrated Products VSC056KM Datasheet HTML 8Page - Maxim Integrated Products VSC056KM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 134 page
background image
2 of 134
Revision 4.1
January 2008
VSC056
Data Sheet
Additional control features include: selectable flash rates for direct LED drive, input edge detection for interrupt
generation, input to output bypass capability, fan speed monitoring control, and pulse-width modulated output
control. Support for sub-addressing additional two-wire serial slave devices using a set of seven control registers is
included. This capability allows up to 16 independent Master mode two-wire serial slave ports to be created using 32
of the I/O pins.
The addressing capability of the VSC056 includes three pins, which are used for device addressing, as well as one pin
that can be used to select two device type identifiers. Sixteen VSC056 devices can be used in a single two-wire serial
interface system.
Block Diagram
Two-Wire
Slav e
Interf ace
Interrupt Priority and Control
Clock
Generator
andDiv iders
I/OPorts
I/OControl
andLED
Flashing
P0.0
−P0.7
P1.0
−P1.7
P2.0
−P2.7
P3.0
−P3.7
P4.0
−P4.7
Fan Speed
Sensors
PortBy pass
Control
Power-On
Reset
CKSEL1
CKSEL0
SDA
SCL
A2
−
A0
ASEL
INT#
OSCI
OSCO
CKSEL2
P5.0
−P5.7
P6.0
−P6.7
P7.0
−P7.7
Pulse-Width
Modulation
Control
SYNCEN
SY NC#
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com