Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX698CWE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX698CWE
Description  Low-Cost, Power-On Reset and Watchdog Controllers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX698CWE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX698CWE Datasheet HTML 1Page - Maxim Integrated Products MAX698CWE Datasheet HTML 2Page - Maxim Integrated Products MAX698CWE Datasheet HTML 3Page - Maxim Integrated Products MAX698CWE Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low-Cost, Power-On Reset
and Watchdog Controllers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ........................................................................-0.3V to +6.0V
Input Voltage (with respect to GND)
WDI, WDO, RESET, RESET ..…………………………-0.3V to VCC
Operating Temperature Range
C Suffix………………………………………………0°C to +70°C
E Suffix ......……………………………………….-40°C to +85°C
Rate of Rise, VCC .................………………………………100V/µs
Power Dissipation (TA = +70°C)
8-Pin PDIP (derated 5mW/°C above +70°C).....………400mW
16-Pin SO (derated 7mW/°C above +70°C) ................600mW
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VCC = +5V, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
TA = full
3.0
5.5
V
Supply Current
5mA
Power-Up Reset Deassertion
TA = full
4.50
4.65
4.75
V
Power-Up Reset Assertion
TA = full
4.4
V
Hysteresis
40
mV
Reset Output Pulse Width
140
500
ms
Output low
ISINK = 1.6mA, VCC = 4.4V
0.4
RESET OUTPUT (Open Drain)
Output high
ISOURCE = 1µA, VCC = 5V
3.5
V
Output low
ISINK = 1.6mA, VCC = 5V
0.4
RESET OUTPUT (SO Package
Only)
Output high
ISOURCE = 1µA, VCC = 4.4V
3.5
V
Output low
ISINK = 1.6mA, VCC = 5V
0.4
WDO Output (MAX699 SO
Package Only)
Output high
ISOURCE = 1µA, VCC = 4.4V
3.5
V
MAX699 Watchdog Timeout
Period
1.00
1.6
2.25
s
MAX699 Minimum WDI Input
Pulse Width
200
ns
Locic-low
0.8
MAX699 WDI Input Threshold
VCC = +5V
Logic-high
3.8
V
WDI = VCC
20
50
MAX699 WDI Input Current
WDI = 0V
-50
-15
µA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com