Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX894LC Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX894LC
Description  Dual, Current-Limited, High-Side P-Channel Switches with Thermal Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX894LC Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX894LC Datasheet HTML 1Page - Maxim Integrated Products MAX894LC Datasheet HTML 2Page - Maxim Integrated Products MAX894LC Datasheet HTML 3Page - Maxim Integrated Products MAX894LC Datasheet HTML 4Page - Maxim Integrated Products MAX894LC Datasheet HTML 5Page - Maxim Integrated Products MAX894LC Datasheet HTML 6Page - Maxim Integrated Products MAX894LC Datasheet HTML 7Page - Maxim Integrated Products MAX894LC Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dual, Current-Limited, High-Side P-Channel
Switches with Thermal Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 3V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...................................................................-0.3V to 6V
ONA, ONB to GND .....................................................-0.3V to 6V
SET A, SET B, OUT A, OUT B to GND ........-0.3V to (VIN + 0.3V)
Maximum Continuous Switch Current
MAX894L ..........................................................................0.75A
MAX895L ........................................................................0.375A
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) .......................471mW
Operating Temperature Range
MAX89_LESA .................................................-40°C to +85°C
Storage Temperature Range ...............................-65°C to+150°C
Lead Temperature (soldering, 10sec) ..............................+300°C
VSET A = 1.4V, ONA = 0, ONB = VIN, IOUT A = 0,
VIN = VOUT
V ONA = V ONB = 5.5V
ONA = ONB = IN, VIN = VOUT A = VOUT B = 5.5V
VIN = 4.5V to 5.5V
VIN = 2.7V to 3.6V
VIN = 5V, ONA = ONB = GND, IOUT A = IOUT B = 0
VIN = 2.7V to 5.5V
VIN = 3.0V
MAX895L
ONA = ONB = IN, VIN = 5.5V, VOUT A = VOUT B = 0
Rising edge, 1% hysteresis
MAX894L
VSET required to turn the switch off (Note 1)
CONDITION
0.5
3
ISETA, ISETB Bias Current
µA
0.01
1
ONA, ONB Input Leakage
V
2.4
ONA, ONB Input High Voltage
2.0
V
0.8
ONA, ONB Input Low Voltage
mA
250
500
Maximum Output Current
V
1.178
1.240
1.302
Current-Limit-Amplifier Threshold
µA
0.0001
1
Off-Supply Current
µA
18
30
V
2.7
5.5
Operating Voltage
Quiescent Current
m
Ω
300
500
150
300
250
420
µA
0.002
10
Off-Switch Current
V
2.0
2.4
2.6
Undervoltage Lockout
On-Resistance
120
225
UNITS
MIN
TYP
MAX
PARAMETER
VIN = 4.5V
MAX894L
MAX895L
MAX895L
20% current overdrive, VCC = 5V
µs
5
Slow-Current-Loop Response Time
µs
2
Fast-Current-Loop Response Time
Note 1: Tested with IOUT = 50mA for the MAX894L and 25mA for the MAX895L, and VSET raised until VIN - VOUT
≥ 0.8V.
MAX895L, IOUT = 125mA
MAX894L, IOUT = 250mA
A/A
VOUT > 1.6V
910
1050
1235
945
1085
1270
IOUT to ISET Current Ratio
MAX894L
µA
VIN = 5V, IOUT = 250mA (MAX894L), 125mA (MAX895L)
100
200
µs
Turn-On Time
VIN = 3V, IOUT = 250mA (MAX894L), 125mA (MAX895L)
150
Turn-Off Time
0.8
1.2
20
µs
VSET B = 1.4V, ONB = 0, ONA = VIN, IOUT B = 0,
VIN = VOUT
0.5
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com