Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21610QN Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS21610QN
Description  3.3V/5V Clock Rate Adapter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21610QN Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS21610QN Datasheet HTML 1Page - Maxim Integrated Products DS21610QN Datasheet HTML 2Page - Maxim Integrated Products DS21610QN Datasheet HTML 3Page - Maxim Integrated Products DS21610QN Datasheet HTML 4Page - Maxim Integrated Products DS21610QN Datasheet HTML 5Page - Maxim Integrated Products DS21610QN Datasheet HTML 6Page - Maxim Integrated Products DS21610QN Datasheet HTML 7Page - Maxim Integrated Products DS21610QN Datasheet HTML 8Page - Maxim Integrated Products DS21610QN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS21610 3.3V/5V Clock Rate Adapter
2 of 15
TABLE OF CONTENTS
1.
PIN DESCRIPTION ........................................................................................................................ 3
1.1
COMPATIBILITY WITH LXP610 .........................................................................................................................3
2.
FUNCTIONAL DESCRIPTION ....................................................................................................... 5
3.
OUTPUT JITTER............................................................................................................................ 6
3.1
JITTER TRANSFER...........................................................................................................................................6
4.
OPERATING PARAMETERS......................................................................................................... 8
5.
PACKAGE INFORMATION.......................................................................................................... 13
5.1
16-PIN SO (300 MILS) (56-G4009-001) .......................................................................................................13
5.2
28-PIN PLCC (56-G4001-001)....................................................................................................................14
6.
REVISION HISTORY.................................................................................................................... 15
LIST OF FIGURES
Figure 1-1. Block Diagram ...................................................................................................................... 4
Figure 3-1. Nominal Jitter Transfer (1.544MHz CLKIN to 2.048MHz CLKOUT1)................................... 6
Figure 3-2. Nominal Jitter Transfer (2.048MHz CLKIN to 1.544MHz CLKOUT1)................................... 7
Figure 4-1. SYNCIN/CLKIN to CLKOUT1/SYNCOUT and CLKOUT2.................................................. 10
Figure 4-2. Output Frame-Sync Alignment When CLKOIT2 = 2 x CLKOUT1 ...................................... 11
Figure 4-3. Output Frame-Sync Alignment When CLKOUT2 = 3 x CLKOUT1..................................... 11
Figure 4-4. Output Frame-Sync Alignment When CLKOIT2 = 4 x CLKOUT1 ...................................... 12
Figure 4-5. Output Frame-Sync Alignment When CLKOUT2 = 5 x CLKOUT1..................................... 12
LIST OF TABLES
Table 1-A. Pin Description ...................................................................................................................... 3
Table 1-B. Pin Name Cross-Reference to LXP610 ................................................................................ 3
Table 2-A. Program Pin Functions (SEL = 0) ......................................................................................... 5
Table 2-B. Program Pin Functions (SEL = 1) ......................................................................................... 5
Table 3-A. Output Jitter Specifications, CLKOUT1 = 1.544MHz ............................................................ 6
Table 3-B. Output Jitter Specifications, CLKOUT1 = 2.048MHz ............................................................ 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com