Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX820CPE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX820CPE
Description  Microprocessor and Nonvolatile Memory Supervisory Circuits
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX820CPE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX820CPE Datasheet HTML 1Page - Maxim Integrated Products MAX820CPE Datasheet HTML 2Page - Maxim Integrated Products MAX820CPE Datasheet HTML 3Page - Maxim Integrated Products MAX820CPE Datasheet HTML 4Page - Maxim Integrated Products MAX820CPE Datasheet HTML 5Page - Maxim Integrated Products MAX820CPE Datasheet HTML 6Page - Maxim Integrated Products MAX820CPE Datasheet HTML 7Page - Maxim Integrated Products MAX820CPE Datasheet HTML 8Page - Maxim Integrated Products MAX820CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Input Voltage (with respect to GND)
VCC .......................................................................-0.3V to +6V
All Other Inputs.......................................-0.3V to (VCC + 0.3V)
Input Current
GND ................................................................................25mA
All Other Outputs ............................................................25mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ..........842mW
Narrow SO (derate 9.52mW/°C above +70°C) ............762mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
Operating Temperature Ranges:
MAX792_C_ _/MAX820_C_ _ ...............................0°C to +70°C
MAX792_E_ _/MAX820_E_ _.............................-40°C to +85°C
MAX792_MJE_ _/MAX820_MJE_ _ .................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
2
_______________________________________________________________________________________
Microprocessor and Nonvolatile
Memory Supervisory Circuits
PARAMETER
Reset Active Timeout Period
CONDITIONS
MAX820R, TA = +25°C, VCC falling
2.55
2.66
MIN
TYP
MAX
UNITS
VCC rising
MAX820S, TA = +25°C, VCC falling
2.85
2.96
RESET Output Voltage
Reset Threshold Voltage—
Internal Threshold Mode
(VTH)
MAX820T, TA = +25°C, VCC falling
3.00
3.11
V
140
200
280
MAX792, VCC = 5V or VCC = 3V
1.25
1.30
1.35
Reset Threshold Voltage
External Threshold Mode (VTH)
MAX820, VCC = 5V or VCC = 3V
1.274
1.30
1.326
V
RESET IN/INT Mode Threshold
(Note 2)
Internal threshold mode
60
mV
RESET IN/INT Leakage Current
±0.01
±25
nA
Reset Threshold Hysteresis
0.016 x VTH
V
Reset Comparator Delay
VCC falling
70
µs
ms
RESET Output Voltage
ISINK = 50µA, VCC = 1V, VCC falling
0.01
0.3
ISOURCE = 1mA
2.75
V
Supply Current
VCC - 1
ISINK = 1.6mA
0.1
0.4
70
150
µA
ISOURCE = 100µA
VCC - 0.5
ISOURCE = 1mA
VCC - 1
V
MAX792L, MAX820L
ISOURCE = 100µA
4.50
4.62
4.75
VCC - 0.5
V
MAX792M, MAX820M
4.25
4.37
4.50
MAX792R, MAX820R
ISINK = 1.6mA
2.55
2.61
2.70
0.1
0.4
MAX792S, MAX820S
2.85
2.91
3.00
MAX792T, MAX820T
3.00
3.06
3.15
MAX820L, TA = +25°C, VCC falling
4.55
4.70
MAX820M, TA = +25°C, VCC falling
4.30
4.45
ELECTRICAL CHARACTERISTICS
(VCC = 2.75V to 5.5V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS
RESET COMPARATOR
Operating Voltage Range
(Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com