Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6369KA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6369KA
Description  Pin-Selectable Watchdog Timers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6369KA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6369KA Datasheet HTML 1Page - Maxim Integrated Products MAX6369KA Datasheet HTML 2Page - Maxim Integrated Products MAX6369KA Datasheet HTML 3Page - Maxim Integrated Products MAX6369KA Datasheet HTML 4Page - Maxim Integrated Products MAX6369KA Datasheet HTML 5Page - Maxim Integrated Products MAX6369KA Datasheet HTML 6Page - Maxim Integrated Products MAX6369KA Datasheet HTML 7Page - Maxim Integrated Products MAX6369KA Datasheet HTML 8Page - Maxim Integrated Products MAX6369KA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Pin-Selectable Watchdog Timers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +5.5V, SET_ = VCC or GND, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C and
VCC = +3V.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC .....................................................................-0.3V to +6V
WDI.....................................................................-0.3V to +6V
WDO (Open Drain: MAX6369/71/73) .................-0.3V to +6V
WDO (Push-Pull: MAX6370/72/74 .......-0.3V to (VCC + 0.3V)
SET0, SET1, SET2 ................................-0.3V to (VCC + 0.3V)
Maximum Current, Any Pin (input/output)...........................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 8.75mW/°C above +70°C).........700mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
VCC Rise or Fall Rate......................................................0.05V/µs
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-free...................................................................+260°C
Containing Lead (Pb).......................................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
2.5
5.5
V
TA = -40°C to +85°C8
20
Supply Current
ICC
No load
TA = -40°C to +125°C10
22
µA
Input High Voltage
VIH
WDI, SET0, SET1, SET2
0.8 ×VCC
V
VCC ≥ 3.3V,
TA = -40°C to +85°C
0.8
VCC ≥ 3.3V,
TA = -40°C to +125°C
0.6
VCC ≥ 2.5V,
TA = -40°C to +85°C
0.6
Input Low Voltage
VIL
WDI, SET0,
SET1, SET2
VCC ≥ 2.5V,
TA = -40°C to +125°C
0.4
V
Logic Input Current (Note 2)
VWDI or VSET_ = 0V or VCC
0
±10
nA
ISINK = 1.2mA, VCC > 2.7V, watchdog
output asserted
0.3
V
WDO Output Low
Voltage
VOL
ISINK = 6mA, VCC > 4.5V, watchdog
output asserted
0.4
V
WDO Leakage Current
ILKG
VWDO = 0 to +5.5V, output deasserted,
MAX6369/MAX6371/MAX6373
1µA
ISOURCE = 500µA, VCC > 2.7V, watchdog
output deasserted
0.8 ×VCC
WDO Output High
Voltage
VOH
ISOURCE = 800µA, VCC > 4.5V, watchdog
output deasserted
VCC -1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com