Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1374U-3 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1374U-3
Description  I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1374U-3 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1374U-3 Datasheet HTML 1Page - Maxim Integrated Products DS1374U-3 Datasheet HTML 2Page - Maxim Integrated Products DS1374U-3 Datasheet HTML 3Page - Maxim Integrated Products DS1374U-3 Datasheet HTML 4Page - Maxim Integrated Products DS1374U-3 Datasheet HTML 5Page - Maxim Integrated Products DS1374U-3 Datasheet HTML 6Page - Maxim Integrated Products DS1374U-3 Datasheet HTML 7Page - Maxim Integrated Products DS1374U-3 Datasheet HTML 8Page - Maxim Integrated Products DS1374U-3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
I2C, 32-Bit Binary Counter Watchdog RTC with
Trickle Charger and Reset Input/Output
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED DC OPERATING CONDITIONS
(VCC = VCC(MIN) to VCC(MAX), TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Pin Relative to Ground .....-0.3V to +6.0V
Voltage Range on SDA or SCL
Relative to Ground ....................................-0.3V to VCC + 0.3V
Junction-to-Ambient Thermal Resistance (
θJA) (Note 1)
16-Pin SO .....................................................................73°C/W
10-Pin µSOP ...............................................................221°C/W
Junction-to-Case Thermal Resistance (
θJC) (Note 1)
16-Pin SO .....................................................................23°C/W
10-Pin µSOP .................................................................39°C/W
Operating Temperature Range ...........................-40
°C to +85°C
Storage Temperature Range .............................-55
°C to +125°C
Lead Temperature (soldering, 10s) .................................+260
°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DS1374-33
2.97
3.3
5.50
DS1374-3
2.7
3.0
3.3
Supply Voltage
(Notes 3, 4)
VCC
DS1374-18
1.71
1.8
1.89
V
Input Logic 1
VIH
(Note 3)
0.7 x VCC
VCC + 0.3
V
Input Logic 0
VIL
(Note 3)
-0.3
+0.3 x
VCC
V
Pullup Resistor Voltage (INT,
SQW, SDA, SCL), VCC = 0V
VPU
(Note 3)
5.5
V
DS1374-33
2.70
2.88
2.97
DS1374-3
2.45
2.6
2.7
Power-Fail Voltage
(Note 3)
VPF
DS1374-18
1.51
1.6
1.71
V
DS1374-33
1.3
3.0
VCC
(MAX)
Backup Supply Voltage
(Notes 3, 4, 5)
VBACKUP
DS1374-3, DS1374-18
1.3
3.0
3.7
V
Note 1:
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com