Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6846KA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6846KA
Description  Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6846KA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6846KA Datasheet HTML 1Page - Maxim Integrated Products MAX6846KA Datasheet HTML 2Page - Maxim Integrated Products MAX6846KA Datasheet HTML 3Page - Maxim Integrated Products MAX6846KA Datasheet HTML 4Page - Maxim Integrated Products MAX6846KA Datasheet HTML 5Page - Maxim Integrated Products MAX6846KA Datasheet HTML 6Page - Maxim Integrated Products MAX6846KA Datasheet HTML 7Page - Maxim Integrated Products MAX6846KA Datasheet HTML 8Page - Maxim Integrated Products MAX6846KA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Power, Adjustable Battery Monitors with
Hysteresis and Integrated µP Reset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
*Applying 7V for a duration of 1ms does not damage the device.
VDD, VCC to GND....................................................-0.3V to +6V*
Open-Drain LBO, LBOH, LBOL to GND .................-0.3V to +6V*
Open-Drain RESET to GND ....................................-0.3V to +6V*
Push-Pull RESET to GND............................-0.3V to (VCC + 0.3V)
HTHIN, LTHIN to GND................................-0.3V to (VDD + 0.3V)
MR to GND .................................................-0.3V to (VCC + 0.3V)
Input/Output Current, All Pins .............................................20mA
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 8.9mW/°C above +70°C)............714mW
Operating Temperature Range .......................... -40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VDD = 1.6V to 5.5V, VCC = 1.2V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Operating Voltage Range
VDD
1.6
5.5
V
TA = 0°C to +85°C
1.0
5.5
VCC Operating Voltage Range
VCC
TA = -40°C to +85°C
1.2
5.5
V
VCC + VDD Supply Current
ICC + IDD
VDD = 3.6V, VCC = 3.3V, no load (Note 2)
2.5
7
µA
MAX6846/MAX6847 VDD THRESHOLDS
HTHIN Threshold
VHTH
HTHIN rising, LBO is deasserted when
HTHIN rises above VHTH
600
615
630
mV
LTHIN Threshold
VLTH
LTHIN falling, LBO is asserted when LTHIN
falls below VLTH
600
615
630
mV
MAX6848/MAX6849 VDD THRESHOLDS
HTHIN+ Threshold
VHTH+
HTHIN rising, LBOH is deasserted when
HTHIN rises above VHTH+
600
615
630
mV
HTHIN- Threshold
VHTH-
HTHIN falling, LBOH is asserted when
HTHIN falls below VHTH-
567
582
597
mV
LTHIN+ Threshold
VLTH+
LTHIN rising, LBOL is deasserted when
LTHIN rises above VLTH+
600
615
630
mV
LTHIN- Threshold
VLTH-
LTHIN falling, LBOL is asserted when
LTHIN falls below VLTH-
567
582
597
mV
MAX6846–MAX6849
HTHIN/LTHIN Leakage Current
ILKG
VHTHIN or VLTHIN
≥ 400mV
20
nA
LBO, LBOL, LBOH Timeout Period
tLBOP
HTHIN/LTHIN rising above threshold
150
225
300
ms
LBO, LBOL, LBOH Delay Time
tLBOD
HTHIN/LTHIN falling below threshold
100
µs
(VDD or VCC)
≥ 1.2V, ISINK = 50µA, asserted
low
0.3
(VDD or VCC)
≥ 1.6V, ISINK = 100µA,
asserted low
0.3
(VDD or VCC)
≥ 2.7V, ISINK = 1.2mA,
asserted low
0.3
LBO, LBOL, LBOH Output Low
VOL
(VDD or VCC)
≥ 4.5V, ISINK = 3.2mA,
asserted low
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com