Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6453UT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6453UT
Description  uP Supervisors with Separate VCC Reset and Manual Reset Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6453UT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6453UT Datasheet HTML 1Page - Maxim Integrated Products MAX6453UT Datasheet HTML 2Page - Maxim Integrated Products MAX6453UT Datasheet HTML 3Page - Maxim Integrated Products MAX6453UT Datasheet HTML 4Page - Maxim Integrated Products MAX6453UT Datasheet HTML 5Page - Maxim Integrated Products MAX6453UT Datasheet HTML 6Page - Maxim Integrated Products MAX6453UT Datasheet HTML 7Page - Maxim Integrated Products MAX6453UT Datasheet HTML 8Page - Maxim Integrated Products MAX6453UT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
µP Supervisors with Separate VCC Reset and
Manual Reset Outputs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND)
VCC ..........................................................................-0.3V to +6V
Open-Drain RESET, MROUT ....................................-0.3V to +6V
MR, Push-Pull RESET, MROUT ..................-0.3V to (VCC + 0.3V)
MR, RSTIN ...............................................................-0.3V to +6V
Input Current, All Pins.......................................................±20mA
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 8.7mW/°C above +70°C).............696mW
Operating Temperature Range .......................... -40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-free...............................................................+260°C
Containing Lead...........................................................+240°C
ELECTRICAL CHARACTERISTICS
(VCC = 1.0V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range
VCC
1.0
5.5
V
VCC = 5.5V, no load
7
20
VCC Supply Current
ICC
VCC = 3.6V, no load
6
16
µA
46
4.50
4.63
4.75
44
4.25
4.38
4.50
31
3.00
3.08
3.15
29
2.85
2.93
3.00
26
2.55
2.63
2.70
23
2.25
2.32
2.38
22
2.12
2.19
2.25
17
1.62
1.67
1.71
VCC Reset Threshold
VTH
16
1.52
1.58
1.62
V
Reset Threshold Tempco
60
ppm/°C
Reset Threshold Hysteresis
2
× VTH
mV
TA = 0°C to +85°C
0.615
0.630
0.645
RSTIN Threshold
VTH-RSTIN
TA = -40°C to +85°C
0.610
0.650
V
RSTIN Threshold Hysteresis
VHYST
2.5
mV
RSTIN Input Current
IRSTIN
-25
+25
nA
RSTIN to Reset Output Delay
VRSTIN falling at 1mV/µs
15
µs
Reset Timeout Period
tRP
140
210
280
ms
VCC to RESET Output Delay
tRD
VCC falling at 1mV/µs
20
µs
K
6.72
10.08
13.44
L
4.48
6.72
8.16
S
2.24
3.36
4.48
MR Minimum Setup Period
(Pulse Width)
tMR
MR to RESET
T
1.12
1.68
2.24
s
MR Minimum Input Pulse
RESET asserted, MAX6455/MAX6456
2.24
3.36
4.48
s
MR Glitch Rejection
100
ns
MR to MROUT Delay
200
ns
Manual Reset Timeout Period
tMRP
140
210
280
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com