Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6335US Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6335US
Description  4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6335US Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6335US Datasheet HTML 1Page - Maxim Integrated Products MAX6335US Datasheet HTML 2Page - Maxim Integrated Products MAX6335US Datasheet HTML 3Page - Maxim Integrated Products MAX6335US Datasheet HTML 4Page - Maxim Integrated Products MAX6335US Datasheet HTML 5Page - Maxim Integrated Products MAX6335US Datasheet HTML 6Page - Maxim Integrated Products MAX6335US Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-Pin, Ultra-Low-Voltage, Low-Power
µP Reset Circuits with Manual Reset
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(
VCC = full range, MR = VCC or unconnected, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C and
VCC = 3V, reset not asserted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Terminal Voltage (with respect to GND)
VCC ......................................................................-0.3V to +6V
Push/Pull RESET or RESET, MR ............-0.3V to (VCC + 0.3V)
Open-Drain RESET ..............................................-0.3V to +6V
Input Current (VCC) .............................................................20mA
Output Current (RESET, RESET).........................................20mA
Continuous Power Dissipation (TA = +70°C)
SOT143 (derate 4mW/°C above +70°C) .....................320mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VCC
TA = 0°C to +85°C
MAX6335/MAX6336
0.7
5.5
V
TA = +25°C
VTH -
VTH
VTH +
1.8%
1.8%
TA = -40°C to +125°C
VTH -
VTH
VTH +
3%
3%
Reset Threshold
VTH
MAX633_US_ _D_-T,
Table 1
V
VCC Falling Reset Delay
VCC falling at 10V/ms
24
µs
MAX633_US_ _D1-T
1
1.5
2
MAX633_US_ _D2-T
20
30
40
Reset Active Timeout Period
tRP
MAX633_US_ _D3-T
100
150
200
ms
RESET Output Low Voltage
(MAX6336/MAX6337)
VOL
ISINK = 50µA, VCC
≥ 1.0V
0.4
Reset
asserted
V
RESET Output High Voltage
(MAX6336)
VOH
ISOURCE = 200µA, VCC
≥ 1.8V
0.8VCC
ISOURCE = 500µA, VCC
≥ 2.7V
0.8VCC
V
RESET Output Voltage
(MAX6335)
VOH
Reset
asserted
ISOURCE = 1µA, VCC
≥ 1.0V
0.8VCC
ISOURCE = 200µA, VCC
≥ 1.8V
0.8VCC
V
VOL
Reset not
asserted
ISINK = 500µA, VCC
≥ 1.8V
ISINK = 1.2mA, VCC
≥ 2.7V
0.3
V
0.3
Reset not
asserted
0.3VCC
0.7VCC
MR Minimum Pulse Width
1
VCC = 2.6V
160
µs
VCC = 2.6V
0.42
µs
V
ns
V MR
MR Threshold
MR Reset Delay
MR Glitch Immunity
12
20
30
k
Ω
MR Pull-Up Resistance
ISINK = 500µA, VCC
≥ 1.8V
0.3
0.5
VCC > VTH, RESET deasserted
µA
RESET Output Leakage
Current (MAX6337)
Supply Current
ICC
No load
VCC = 1.8V
3.0
6.0
VCC = 2.5V
3.3
7.0
µA
TA = -40°C to +125°C
MAX6335/MAX6336
1.2
5.5
TA = -40°C to +85°C
MAX6335/MAX6336
0.78
5.5
MAX6337
MAX6337
MAX6337
1.0
5.5
1.2
5.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com