Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1746 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS1746
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1746 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS1746_10 Datasheet HTML 1Page - Maxim Integrated Products DS1746_10 Datasheet HTML 2Page - Maxim Integrated Products DS1746_10 Datasheet HTML 3Page - Maxim Integrated Products DS1746_10 Datasheet HTML 4Page - Maxim Integrated Products DS1746_10 Datasheet HTML 5Page - Maxim Integrated Products DS1746_10 Datasheet HTML 6Page - Maxim Integrated Products DS1746_10 Datasheet HTML 7Page - Maxim Integrated Products DS1746_10 Datasheet HTML 8Page - Maxim Integrated Products DS1746_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DS1746/DS1746P Y2K-Compliant, Nonvolatile Timekeeping RAMs
2 of 16
PIN DESCRIPTION
PIN
PDIP
PowerCap
NAME
FUNCTION
1, 30
1, 33, 34
N.C.
No Connection
2
3
A16
3
32
A14
4
30
A12
5
25
A7
6
24
A6
7
23
A5
8
22
A4
9
21
A3
10
20
A2
11
19
A1
12
18
A0
23
28
A10
25
29
A11
26
27
A9
27
26
A8
28
31
A13
31
2
A15
Address Input
13
16
DQ0
14
15
DQ1
15
14
DQ2
17
13
DQ3
18
12
DQ4
19
11
DQ5
20
10
DQ6
21
9
DQ7
Data Input/Output
16
17
GND
Ground
22
8
CE
Active-Low Chip Enable Input
24
7
OE
Active-Low Output Enable Input
29
6
WE
Active-Low Write-Enable Input
32
5
VCC
Power-Supply Input
—
4
RST
Active-Low Power-Fail Output, Open Drain. Requires a pullup resistor for
proper operation.
—
X1, X2,
VBAT
Crystal Connection, VBAT Battery Connection. UL recognized to ensure
against reverse charging when used with a lithium battery. www.maxim-
ic.com/qa/info/ul/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com