Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX836 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX836
Description  4-Pin Micropower Voltage Monitors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX836 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX836_08 Datasheet HTML 1Page - Maxim Integrated Products MAX836_08 Datasheet HTML 2Page - Maxim Integrated Products MAX836_08 Datasheet HTML 3Page - Maxim Integrated Products MAX836_08 Datasheet HTML 4Page - Maxim Integrated Products MAX836_08 Datasheet HTML 5Page - Maxim Integrated Products MAX836_08 Datasheet HTML 6Page - Maxim Integrated Products MAX836_08 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-Pin Micropower Voltage Monitors
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +2.5V to +11.0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, OUT to GND (MAX836) ....................................-0.3V to 12V
IN, OUT to GND (MAX837).........................-0.3V to (VCC + 0.3V)
Input Current
VCC .................................................................................20mA
IN.....................................................................................10mA
Output Current, OUT...........................................................20mA
Rate of Rise, VCC ............................................................100V/µs
Continuous Power Dissipation
4-Pin SOT143 (derate 4mW/°C above +70°C).............320mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
N
No
otte
e 1
1:: The voltage-detector output remains in the direct state for VCC down to 1.2V when VIN ≤ VCC/2.
N
No
otte
e 2
2:: Supply current has a monotonic dependence on VCC (see the Typical Operating Characteristics).
N
No
otte
e 3
3:: IN leakage current has a monotonic dependence on VCC (see the Typical Operating Characteristics).
N
No
otte
e 4
4:: The MAX836 open-drain output can be pulled up to a voltage greater than VCC, but may not exceed 11V.
2
2
_
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
__
_
TA = -40°C to +85°C
VCC = full operating range
VIN = 1.25V,
OUT = high
13
TA = TMIN to TMAX
8.0
VCC = 3.6V
TA = +25°C
2.0
5.0
VCC = full operating range
ICC
VIN = 1.16V,
OUT = low
15
Supply Current (Note 2)
3.5
6.5
μA
TA = +25°C
CONDITIONS
VCC = 5.0V, 50mV overdrive
TA = +25°C
VCC = 5.0V, 100mV overdrive
VCC = 5V, IN = low to high
VCC = 5.0V, no load (MAX837 only)
VCC = 5.0V, no load (MAX836 pull-up = 10k
Ω)
VIN = VTH
VIN > VTHMAX (MAX836 only)
VIN > VTHMAX, ISOURCE = 500µA (MAX837 only)
VIN < VTHMIN, ISINK = 500µA
TA = TMIN to TMAX
VIN falling
10
VCC = 3.6V
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
1.169
1.204
1.231
Trip Threshold Voltage
VTH
1.185
1.204
1.215
V
Trip Threshold Voltage
Hysteresis
VHYST
6
mV
IN Operating Voltage Range
(Note 1)
VIN
VCC -1
V
IN Leakage Current (Note 3)
IIN
nA
±3
±12
Operating Voltage Range
(Note 1)
VCC
2.5
11.0
V
Propagation Delay
tPL
80
µs
Glitch Immunity
35
µs
OUT Rise Time
tRT
260
ns
OUT Fall Time
tFT
680
ns
Output Leakage Current
(Note 4)
ILOUT
±1
µA
Output-Voltage High
VOH
VCC - 0.5
V
Output-Voltage Low
VOL
0.4
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com