Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX8211MSA/PR-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8211MSA/PR-T
Description  Microprocessor Voltage Monitors with Programmable Voltage Detection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8211MSA/PR-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8211MSA/PR-T Datasheet HTML 1Page - Maxim Integrated Products MAX8211MSA/PR-T Datasheet HTML 2Page - Maxim Integrated Products MAX8211MSA/PR-T Datasheet HTML 3Page - Maxim Integrated Products MAX8211MSA/PR-T Datasheet HTML 4Page - Maxim Integrated Products MAX8211MSA/PR-T Datasheet HTML 5Page - Maxim Integrated Products MAX8211MSA/PR-T Datasheet HTML 6Page - Maxim Integrated Products MAX8211MSA/PR-T Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Calculate resistor values for Figure 3 as follows:
1) Choose a value for R1. Typical values are in
the 10k
Ωto 10MΩrange.
2) Calculate R2 for the desired upper trip point
VU using the formula:
3) Calculate R3 for the desired amount of
hysteresis, where VL is the lower trip point:
or, if V+ = VIN:
Figure 5 shows an alternate circuit, suitable only when the
voltage being detected is also the power-supply voltage
for the MAX8211 or MAX8212.
Calculate resistor values for Figure 5 as follows:
1) Choose a value for R1. Typical values are in
the 10k
Ωto 10MΩrange.
2) Calculate R2:
3) Calculate R3:
Low-Voltage Detector for Logic Supply
The circuit of Figure 5 will detect when a 5.0V (nominal)
supply goes below 4.5V, which is the VMIN normally
specified in logic systems. The selected resistor values
ensure that false undervoltage alarms will not be gener-
ated, even with worst-case threshold trip values and
resistor tolerances. R3 provides approximately 75mV of
hysteresis.
R3
R1
(VU VL)
1.15V
=×
−
R2
R1
(VL VTH)
VTH
R1
(VL 1.15V)
1.15V
=×
−
=×
−
R3
R2
(VL VTH)
(VU VL)
R2
(VL 1.15V)
(VU VL)
=×
−
−
=×
−
−
R3
R2
(V
VTH)
(VU VL)
R2
(V +
1.15V)
(VU VL)
=×
+−
−
=×
−
−
R2 = R1
(VU VTH)
VTH
R1
(VU 1.15V)
1.15V
×
−
=×
−
Microprocessor Voltage Monitors
with Programmable Voltage Detection
________________________________________________________________________________________
5
-55
TA (
°C)
1.250
1.230
1.210
1.190
1.170
1.150
1.130
1.110
1.090
1.070
1.050
-25
25
75
125
V+ = 16.5V
V+ = 2V
Figure 4. MAX8211/MAX8212 Threshold Trip Voltage vs.
Ambient Temperature
VIN
HYST
MAX8211
OUT
GND
V+
R3
48.7k
Ω
1%
R2
2.2M
Ω
1%
R1
750k
Ω
1%
VOUT
(LOW FOR
VIN < 4.5V)
THRESH
Figure 5. MAX8211 Logic-Supply Low-Voltage Detector



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com