Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFT18N90P Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFT18N90P
Description  Polar Power MOSFET HiPerFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT18N90P Datasheet(HTML) 3 Page - IXYS Corporation

  IXFT18N90P Datasheet HTML 1Page - IXYS Corporation IXFT18N90P Datasheet HTML 2Page - IXYS Corporation IXFT18N90P Datasheet HTML 3Page - IXYS Corporation IXFT18N90P Datasheet HTML 4Page - IXYS Corporation IXFT18N90P Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXFH18N90P IXFV18N90P
IXFT18N90P IXFV18N90PS
Fig. 1. Output Characteristics
@ TJ = 25ºC
0
2
4
6
8
10
12
14
16
18
0123
45
6789
10
VDS - Volts
VGS = 10V
9V
8V
6V
5V
7V
Fig. 2. Extended Output Characteristics
@ TJ = 25ºC
0
4
8
12
16
20
24
28
32
36
40
0
3
6
9
12
15
18
21
24
27
30
VDS - Volts
VGS = 10V
9V
5V
6V
7V
8V
Fig. 3. Output Characteristics
@ TJ = 125ºC
0
2
4
6
8
10
12
14
16
18
0
2
4
6
8
10
12
14
16
18
20
22
24
VDS - Volts
VGS = 10V
9V
8V
6V
5V
7V
Fig. 4. RDS(on) Normalized to ID = 9A Value vs.
Junction Temperature
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
VGS = 10V
I D = 18A
I D = 9A
Fig. 5. RDS(on) Normalized to ID = 9A Value vs. Drain
Current
0.6
1.0
1.4
1.8
2.2
2.6
3.0
0
4
8
1216
2024
28
32
36
ID - Amperes
VGS = 10V
TJ = 125ºC
TJ = 25ºC
Fig. 6. Maximum Drain Current vs.
Case Temperature
0
2
4
6
8
10
12
14
16
18
20
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com