Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2106946-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 2106946-1
Description  Solderless LED Socket, Type CM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2106946-1 Datasheet(HTML) 2 Page - Tyco Electronics

  2106946-1 Datasheet HTML 1Page - Tyco Electronics 2106946-1 Datasheet HTML 2Page - Tyco Electronics 2106946-1 Datasheet HTML 3Page - Tyco Electronics 2106946-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LED to Board Serial shown
LED to inverted wire parallel shown
te.com/products/lighting
Solderless LED Socket, Type CM
TE Connectivity
APPLICATIONS
•
Commercial and residential lighting fixtures
•
Integrated custom lighting
ELECTRICAL
•
Operating current: 500mA
•
Operating voltage: 30VDC (parallel); 90VDC (serial)
•
Dielectric withstanding voltage: 500 VDC
MECHANICAL
•
Select silver plated contact interface to Cree XLamp MP-L LED
•
Secure attachment to substrate using three standard #4 or M3 screws
•
Wire version incorporates 6 position AMP Mini CT header
•
Low profile- <3 mm height around the dome (w/o latches) and 5.20 mm high at the
connector interface
•
Select silver plated contact interface to Cree XLamp MP-L LED
•
6 line parallel terminations in both wire and board versions
•
Parallel wire version accepts 6 conductor AMP Mini CT wire assembly
•
2 line serial terminations in both wire and board versions
•
Serial wire version accepts 2 conductor AMP Mini CT wire assembly
MATERIALS
•
Housings: 94 V0 rated high temperature resistant thermoplastic
Contacts:
•
Base material copper alloy
•
Silver plated interface to Cree XLamp MP-L LED
•
Tin plated interface to AMP Mini CT or to PCB
APPLICATIONS AND SPECIFICATION
•
Product Specification 108-2439
•
Application specification 114-13281
•
UL 1977 File No. E28476
•
CSA C22.2 No. 182.3
KEY FEATURES
• Solderless termination to the
Cree XLamp MP-L LED
• Fast, rapid termination and
assembly – eliminates hand
soldering wires to the MPL
0.70mm x 0.85mm pads
• Offered in separable board
termination and wire
termination versions
• Snap-on optics assembly
using LEDIL’s Tyra series
reflector optics
• Custom parallel and serial AMP
Mini CT cable assembly lengths
are available upon request



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com