Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL205 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XCL205
Description  Inductor Built-in Step-Down micro DC/DC Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL205 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XCL205 Datasheet HTML 9Page - Torex Semiconductor XCL205 Datasheet HTML 10Page - Torex Semiconductor XCL205 Datasheet HTML 11Page - Torex Semiconductor XCL205 Datasheet HTML 12Page - Torex Semiconductor XCL205 Datasheet HTML 13Page - Torex Semiconductor XCL205 Datasheet HTML 14Page - Torex Semiconductor XCL205 Datasheet HTML 15Page - Torex Semiconductor XCL205 Datasheet HTML 16Page - Torex Semiconductor XCL205 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13/26
XCL205/XCL206/XCL207
Series
■
OPERATIONAL DESCRIPTION (Continued)
<
CL High Speed Discharge>
The XCL205B(C)/ XCL206B(C)/ XCL207B(C) series can quickly discharge the electric charge at the output capacitor (CL) when a
low signal to the CE pin which enables a whole IC circuit put into OFF state, is inputted via the N-channel transistor located
between the LX pin and the VSS pin. When the IC is disabled, electric charge at the output capacitor (CL) is quickly discharged so
that it may avoid application malfunction. Discharge time of the output capacitor (CL) is set by the CL auto-discharge resistance
(R) and the output capacitor (CL). By setting time constant of a CL auto-discharge resistance value [R] and an output capacitor
value (CL) as τ(τ=C x R), discharge time of the output voltage after discharge via the N channel transistor is calculated by the
following formula.
V = VOUT(T) x e
–t/τ or t=τln (VOUT(T) / V)
V : Output voltage after discharge
VOUT(T) : Output voltage
t: Discharge time,
τ
: C x R
C= Capacitance of Output capacitor (CL)
R= CL auto-discharge resistance
0
20
40
60
80
100
0
2040
6080
100
Discharge Time t(ms)
CL=10uF
CL=20uF
CL=50uF
Output Voltage Discharge Characteristics
RDCHG=300Ω(TYP.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com