Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC020105T150WP Datasheet(PDF) 1 Page - AVX Corporation

Part # VC020105T150WP
Description  AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC020105T150WP Datasheet(HTML) 1 Page - AVX Corporation

  VC020105T150WP Datasheet HTML 1Page - AVX Corporation VC020105T150WP Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V
W(DC)
DC Working Voltage [V]
I
L
Maximum leakage current at the working voltage [
µA]
V
W(AC)
AC Working Voltage [V]
E
T
Transient Energy Rating [J, 10x1000
µS]
V
B
Breakdown Votage [V @ 1mADC]
I
P
Peak Current Rating [A, 8x20
µS]
V
C
Clamping Votage [V @ IVC]
Cap
Capacitance [pF] @ 1KHz specified and 0.5VRMS
I
VC
Test Current for VC [A, 8x20
µS]
11
Miniature 0201 MLV
AVX Multilayer Ceramic Transient Voltage Suppressors
ESD Protection for any Circuit with Board Space Constraints
GENERAL DESCRIPTION
AVX 0201 Multi-Layer Varistors are designed for circuits where board space is a
premium. 0201 MLV offer bi-directional ESD protection in the smallest package
available today. The added advantage is EMI/RFI attenuation. 0201 MLV can
replace 2 diodes and the EMC capacitor for a one chip solution.
The miniature size and one chip solution team to offer designers the best in ESD
protection and EMI filtering in one ultra compact device.
FEATURES
• Capacitance 15pF to 150pF
• Low VB Version
• Bi-Directional protection
• Fastest response time to ESD strikes
• Multi-strike capability
• Ultra compact 0201 case size
APPLICATIONS
• Cell phone
• PDA
• Camera modules
• Embedded components
• Hearing aid
• Any circuit with space constraints
VC
Varistor
Chip
HOW TO ORDER
0201
Chip Size
0201
03
Working
Voltage
03 = 3.5V
V
Energy
Rating
V = 0.02J
151
Capacitance
151 = 150pF
W
Packaging
W = 7"
10kpcs
P
Termination
P = Ni Barrier/
100% Sn (matte)
AVX Part Number
VW (DC)
VW (AC)
VB
VC
IVC
IL
ET
IP
Cap
VC020103V101WP
3.5
2.0
4.76 min
14max
1
50
0.02
10
100pF ±30%
8.84 max
VC020103V121WP
3.5
2.0
4.76 min
14max
1
50
0.02
10
125pF ±30%
8.84 max
VC020103V151WP
3.5
2.0
4.76 min
14max
1
50
0.02
10
150pF ±30%
8.84 max
VC020105T150WP
5.6
4.0
10.0 min
35max
1
50
0.01
2
15pF ±30%
15.6 max
VC020105T330WP
5.6
4.0
10.0 min
35max
1
50
0.01
4
33pF ±30%
15.6 max
VC020105T500WP
5.6
4.0
10.0 min
35max
1
50
0.01
5
50pF ±30%
15.6 max
VC020105T101WP
5.6
4.0
10.0 min
35max
1
50
0.01
5
100pF ±30%
15.6 max
VC020105V101WP
5.6
4.0
6.4 min
17max
1
50
0.02
4
100pF ±30%
9.6 max
VC020107V101WP
7.0
5.6
9.6 min
20max
1
50
0.02
5
100pF ±30%
14.4 max
DIODE PROTECTION METHOD
THREE COMPONENT SOLUTION
TVS + EMI
XCVR
TVS Dodes
MultiLayer Varistors (MLVs)
BUS
EMC
CAP
MLV PROTECTION METHOD
SINGLE COMPONENT SOLUTION
TVS & EMI
XCVR
BUS


Similar Part No. - VC020105T150WP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC0201 AVX-VC0201 Datasheet
161Kb / 2P
Miniature 0201 MLV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
More results

Similar Description - VC020105T150WP

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC040205X150WP AVX-VC040205X150WP Datasheet
496Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC0201 AVX-VC0201 Datasheet
161Kb / 2P
Miniature 0201 MLV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
VCH4 AVX-VCH4 Datasheet
235Kb / 2P
AntennaGuard/SPV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit Sensitive to Capacitance
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC080505C150RP AVX-VC080505C150RP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
VC120630D650RP AVX-VC120630D650RP Datasheet
501Kb / 10P
AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com