Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FNP600 Datasheet(PDF) 2 Page - Power-One

Part # FNP600
Description  600-to-5000-Watt Front-End Power Solutions
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

FNP600 Datasheet(HTML) 2 Page - Power-One

  FNP600 Datasheet HTML 1Page - Power-One FNP600 Datasheet HTML 2Page - Power-One FNP600 Datasheet HTML 3Page - Power-One FNP600 Datasheet HTML 4Page - Power-One FNP600 Datasheet HTML 5Page - Power-One FNP600 Datasheet HTML 6Page - Power-One FNP600 Datasheet HTML 7Page - Power-One FNP600 Datasheet HTML 8Page - Power-One FNP600 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
BCD20034-G Rev. AD, 11-May-10
Page 2 of 15
www.power-one.com
FNP600/850/1000 AC-DC Front-Ends
& FNR-5-12G/FNR-5-48G Power Shelves Data Sheet
Model Selection
Model
Nominal
Output
Voltage
(VDC)
1
Adjustment
Range (VDC)
Maximum
Output
Current
(Amps)
Line
Regulation
(%)
Load
Regulation
(%)
2
Ripple &
Noise
pk-pk %
3
Compatible
Shelf
FNP600-12
12
12 (Standby)
7 to 12
N/A
51
0.5
0.17
8
6
8
1
1
FNR-5-12
FNP850-12
12
12 (Standby)
7 to 12
N/A
73
0.5
0.17
8
6
8
1
1
FNR-5-12
FNP850-12R
4
12
12 (Standby)
7 to 12
N/A
73
0.5
0.17
8
6
8
1
1
FNR-5-12
FNP600-48
48
12 (Standby)
44 to 50.5
N/A
12.6
0.5
0.17
8
6
8
1
1
FNR-5-48
FNP1000-48
48
12 (Standby)
44 to 50.5
N/A
21
0.5
0.17
8
6
8
1
1
FNR-5-48
1 Models with 5V and 3.3V standby voltages are also available. (Contact factory.)
2 Primary 12V and 48V outputs have built-in droop regulation.
3 Maximum peak-to-peak noise expressed as a percentage of output voltage; 20 MHz bandwidth.
4 FNP850-12R model has airflow from rear to front.
Ordering Information
Options
Suffixes to Add to Part Number
RoHS lead solder exemption
No RoHS suffix character required.
RoHS compliant for all 6 substances
Add "G" as the last character of the part number.
Input Specifications
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
AC Input Voltage
Single-phase continuous input range.
90
264
VAC
Input Frequency
AC input.
47
63
Hz
Hold-up Time
After last AC line peak at full power.
At 115 VAC.
20
1
ms
Input Current
At full-rated load.
At 90 VAC.
14
A rms
Inrush Surge Current
Internally limited. Vin = 230 VAC. 25 ºC
34
A pk
Power Factor
Per EN61000-3-2
0.97
W/VA
1 FNP1000-48 model has a hold-up time of 16 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com