Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS16F95E/883 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS16F95E/883
Description  EIA-485/EIA-422A Differential Bus Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS16F95E/883 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS16F95E/883 Datasheet HTML 1Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 2Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 3Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 4Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 5Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 6Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 7Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 8Page - National Semiconductor (TI) DS16F95E/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Quality Conformance Inspection
MIL-STD-883, Method 5005 - Group A
Subgroup
Description
Temp ( C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
DC - Driver Electrical Characteristics (Note 10)
The following conditions apply to all parameters, unless otherwise specified. V
CC = 5.5V
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-group
VOD1
Differential Vout
V
CC = 5.5V, IO = 0A, VIN = .8V
6
V
1, 2, 3
V
CC = 5.5V, IO = 0A, VIN =2V
6
V
1,2,3
VOD2
Differential Vout
Figure 1
V
CC = 4.5V, RL = 100
Ω
2
V
1, 2, 3
V
CC = 4.5V, RL =54
Ω
1.5
V
1,2,3
Delta V
OD
Change In Differential Vout
V
CC = 4.5V, RL = 100
Ω
(Note 4)
-200
200
mV
1, 2, 3
V
CC = 4.5V, RL =54
Ω
(Note 4)
-200
200
mV
1, 2, 3
Delta V
OC
Change In Common Mode Vout V
CC = 4.5V, RL = 100
Ω
(Note 4)
-200
200
mV
1, 2, 3
V
CC = 4.5V, RL =54
Ω
(Note 4)
-200
200
mV
1, 2, 3
V
OC
Common Mode Vout
R
L = 100
Ω
3
V
1, 2, 3
R
L =54
Ω
3
V
1, 2, 3
I
IH
Logical "1" Input Current
V
I = 2.4V
20
uA
1, 2, 3
I
O
Output Current
Output Disable, V
O =12V
1
mA
1,2,3
Output Disable, V
O = -7V
(Note 5)
-0.8
mA
1, 2, 3
V
CC = 0, Output Disable,
V
O = 12V
1
mA
1,2,3
V
CC = 0, Output Disable,
V
O = -7V
(Note 5)
-0.8
mA
1, 2, 3
I
OS
Output Short Circuit
V
IN = 3V, VOUT =VCC
150
mA
1, 2, 3
V
IN = 3V, VOUT = -7V
(Note 5)
-250
mA
1, 2, 3
V
IN = 3V, VOUT = 0V
(Note 5)
-150
mA
1, 2, 3
V
IN = 3V, VOUT = 12V
250
mA
1, 2, 3
V
IN = 0V, VOUT = 12V
250
mA
1, 2, 3
V
IN = 0V, VOUT =VCC
150
mA
1, 2, 3
V
IN = 0V, VOUT = -7V
(Note 5)
-250
mA
1, 2, 3
V
IN = 0V, VOUT = 0V
(Note 5)
-150
mA
1, 2, 3
V
OH
Logical "1" Output Voltage
V
CC = 4.5V, IO = -20mA
3
V
1, 2, 3
V
OL
Logical "0" Output Voltage
V
CC = 4.5V, IO = 20mA
2
V
1, 2, 3
VOD3
Differential Vout
V
CM = -7V to 12V
1
V
1, 2, 3
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com