Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26F32MJ/883 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26F32MJ/883
Description  DS26F32MQML
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32MJ/883 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS26F32MJ/883 Datasheet HTML 1Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 2Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 3Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 4Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 5Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 6Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 7Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 8Page - National Semiconductor (TI) DS26F32MJ/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DS26F32MQML
Quad Differential Line Receivers
General Description
The DS26F32 is a quad differential line receiver designed to
meet the requirements of EIA Standards RS-422 and RS-
423, and Federal Standards 1020 and 1030 for balanced
and unbalanced digital data transmission.
The DS26F32 offers improved performance due to the use
of state-of-the-art L-FAST bipolar technology. The L-FAST
technology allows for higher speeds and lower currents by
utilizing extremely short gate delay times. Thus, the
DS26F32 features lower power, extended temperature
range, and improved specifications.
The device features an input sensitivity of 200 mV over the
input common mode range of ±7.0V. The DS26F32 provides
an enable function common to all four receivers and TRI-
STATE ® outputs with 8.0 mA sink capability. Also, a fail-safe
input/output relationship keeps the outputs high when the
inputs are open.
The DS26F32 offers optimum performance when used with
the DS26F31 Quad Differential Line Driver.
Features
n
Input voltage range of ±7.0V (differential or common
mode) ±0.2V sensitivity over the input voltage range
n
High input impedance
n
Operation from single +5.0V supply
n
Input pull-down resistor prevents output oscillation on
unused channels
n
TRI-STATE outputs, with choice of complementary
enables, for receiving directly onto a data bus
Ordering Information
NS Part Number
SMD Part Number
NS Package Number
Package Description
DS26F32ME/883
5962–7802005M2A
E20A
20LD Leadless Chip Carrier
DS26F32MJ/883
5962–7802005MEA
J16A
16LD Ceramic DIP
DS26F32MW/883
5962–7802005MFA
W16A
16LD Ceramic FLatpack
DS26F32MWG/883
5962–7802005MZA
WG16A
16LD Ceramic SOIC
DS26F32MER-QML
5962R7802005M2A
E20A
20LD Leadless Chip Carrier
DS26F32MJR-QML
5962R7802005QEA
J16A
16LD Ceramic DIP
DS26F32MWR-QML
5962R7802005QFA
W16A
16LD Ceramic FLatpack
DS26F32MJ-QMLV
5962–7802005VEA
J16A
16LD Ceramic DIP
DS26F32MW-QMLV
5962–7802005VFA
W16A
16LD Ceramic FLatpack
DS26F32MWG-QMLV
5962–7802005VZA
WG16A
16LD Ceramic SOIC
DS26F32MJRQMLV
5962R7802005VEA
100k rd(Si)
J16A
16LD Ceramic DIP
DS26F32MWRQMLV
5962R7802005VFA
100k rd(Si)
W16A
16LD Ceramic FLatpack
DS26F32MWGRQMLV
5962R7802005VZA
100k rd(Si)
WG16A
16LD Ceramic SOIC
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
March 2006
© 2006 National Semiconductor Corporation
DS201633
www.national.com


Similar Part No. - DS26F32MJ/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26F32MJ/883 NSC-DS26F32MJ/883 Datasheet
207Kb / 6P
Quad Differential Line Receivers
DS26F32MJ/883 NSC-DS26F32MJ/883 Datasheet
313Kb / 12P
QUAD DIFFERENTIAL LINE RECEIVERS ALSO AVAILABLE GUARANTEED TO 100K RAD(Si) TESTED TO MIL-STD-883, METHOD 1019.5, CONDITION A
More results

Similar Description - DS26F32MJ/883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS26F32MQML TI1-DS26F32MQML_16 Datasheet
435Kb / 15P
DS26F32MQML Quad Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com