Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2672EP Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2672EP
Description  Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2672EP Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM2672EP Datasheet HTML 9Page - National Semiconductor (TI) LM2672EP Datasheet HTML 10Page - National Semiconductor (TI) LM2672EP Datasheet HTML 11Page - National Semiconductor (TI) LM2672EP Datasheet HTML 12Page - National Semiconductor (TI) LM2672EP Datasheet HTML 13Page - National Semiconductor (TI) LM2672EP Datasheet HTML 14Page - National Semiconductor (TI) LM2672EP Datasheet HTML 15Page - National Semiconductor (TI) LM2672EP Datasheet HTML 16Page - National Semiconductor (TI) LM2672EP Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LM2672EP Series Buck Regulator Design Procedure (Fixed Output)
(Continued)
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
7. Frequency Synchronization (optional)
The LM2672EP (oscillator) can be synchronized to run with an
external oscillator, using the sync pin (pin 3). By doing so, the
LM2672EP can be operated at higher frequencies than the
standard frequency of 260 kHz. This allows for a reduction in
the size of the inductor and output capacitor.
As shown in the drawing below, a signal applied to a RC filter at
the sync pin causes the device to synchronize to the frequency
of that signal. For a signal with a peak-to-peak amplitude of 3V
or greater,a1k
Ω resistor and a 100 pF capacitor are suitable
values.
7. Frequency Synchronization (optional)
For all applications, usea1k
Ω resistor and a 100 pF capacitor
for the RC filter.
Inductor Value Selection Guides (For Continuous Mode Operation)
20097829
FIGURE 4. LM2672-3.3EP
20097830
FIGURE 5. LM2672-5.0EP
20097831
FIGURE 6. LM2672-12EP
20097832
FIGURE 7. LM2672-ADJEP
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com