Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI-1190 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NISCXI-1190
Description  4x1 unterminated multiplexer/50 characteristic impedance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1190 Datasheet(HTML) 2 Page - National Instruments Corporation

  NISCXI-1190 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1190 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1190 Datasheet HTML 3Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Input Characteristics
Maximum switching voltage............................ 150 V, CAT I
Maximum switching current ............................ 0.5 A (per channel)
Maximum carry current.................................... 1 A (per channel)
Simultaneous channels at maximum current
PXI-2593 ................................................... 2, maximum
SCXI-1193 .................................................. 4, maximum
DC path resistance
Initial ......................................................... <1.0 Ω
End of life .................................................. ≥2.0 Ω
Dynamic Characteristics
Maximum scan rate ......................................... 100 operations/s
Expected relay life:
Mechanical ............................................... 5x107 operations
Electrical .................................................... 3x105 operations (30 V, 0.3 ADC resistive)
Physical Characteristics
Relay type......................................................... Electromechanical, latching
Relay contact material ..................................... Silver palladium and gold
Dimensions
PXI-2593..................................................... 10 by 16 by 4 cm (3.9 by 6.3 by 1.6 in.)
SCXI-1193 .................................................. 3.0 by 17.3 by 19.6 cm (1.2 by 6.7 by 7.6 in.)
I/O connectors
PXI-2593..................................................... 18 MCX jacks
SCXI-1193 .................................................. 36 MCX jacks
Trigger connectors............................................ 2 SMB jacks
Environment
Operating temperature..................................... 0 to 50 °C
Storage temperature ........................................ - 20 to 70 °C
Relative humidity ............................................. 5 to 85% noncondensing
Pollution degree ............................................... 2
Approved altitudes .......................................... Up to 2,000 m
Safety
This product is designed to meet the requirements of the following standards of safety for electrical
equipment for measurement, control and laboratory use:
• IEC 61010-1, EN 61010-1
• UL 3111-1, UL 61010B-1
• CAN/CSA C22.2 No. 1010.1
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE Marking, as follows:
Low-voltage Directive (safety) .................. 73/23/EEC
Electromagnetic Compatibility
Directive (EMC).......................................... 89/336/EEC
SCXI-1190, PXI-2590
Input Characteristics
Number of channels per bank.......................... 4
Number of banks
SCXI-1190 .................................................. 4
PXI-2590..................................................... 1
Input voltage
Channel-to-earth........................................ 24 VDC
Maximum switching voltage
AC ............................................................ 24 Vrms
DC ............................................................ 24 VDC
Maximum switching capacity per channel
AC ............................................................ 1 Arms at 24 Vrms
DC ............................................................ 1 A at 24 VDC
Maximum switching power per channel ......... 24 W
Contact resistance (initial) ............................... 100 mΩ maximum
Contact material............................................... Gold-clad silver
RF Performance Characteristics
Characteristic impedance (Z0 )......................... 50 Ω
Insertion loss
100 MHz .................................................... <0.4 dB
500 MHz .................................................... <0.9 dB
1.3 GHz ...................................................... <1.5 dB
2 GHz ......................................................... <3 dB
VSWR
100 MHz .................................................... <1.15
500 MHz ................................................... <1.35
1.3 GHz ...................................................... <1.5
2 GHz ......................................................... <2.5
Isolation
500 MHz .................................................... >60 dB
1.3 GHz ...................................................... >50 dB
2 GHz ......................................................... >30 dB
Rise time .......................................................... <300 ps
Signal delay...................................................... <3 ns
Maximum RF carry power at 900 MHz ............ 10 W
Dynamic Characteristics
Relay operate time (at 20 °C)
Typical........................................................ 15 ms
Relay release time (at 20 °C)
Typical........................................................ 15 ms
Expected life
Mechanical (no load)................................. 5x106 operations
Electrical at maximum switching capacity 105 operations
Caution: Exceeding the maximum switching capability decreases expected life.
Power Requirement
+5 VDC ............................................................ 600 mA maximum (all relays closed)
Physical
Dimensions
SCXI-1190 .................................................. 17.3 by 19.6 by 3.0 cm (6.81 by 7.70 by 1.19 in.)
PXI-2590..................................................... 10 by 16 by 4 cm (3.9 by 6.3 by 1.6 in.)
I/O connectors .................................................. 5 SMB female per bank
Environment
Operating temperature..................................... 0 to 50 °C
Storage temperature ........................................ - 20 to 70 °C
Relative humidity ............................................. 5 to 85% noncondensing
Pollution degree ............................................... 2
Approved altitudes .......................................... Up to 2,000 m
504 National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Switch Specifications
Specifications (continued)
0
0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
100
200
300
400
500
600
Frequency (MHz)
700
16x1
8x1
32x1
800
900
1000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com