Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-6008 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # USB-6008
Description  8 analog inputs at 12 or 14 bits,up to 48 kS/s
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-6008 Datasheet(HTML) 3 Page - National Instruments Corporation

  USB-6008 Datasheet HTML 1Page - National Instruments Corporation USB-6008 Datasheet HTML 2Page - National Instruments Corporation USB-6008 Datasheet HTML 3Page - National Instruments Corporation USB-6008 Datasheet HTML 4Page - National Instruments Corporation USB-6008 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications
Typical at 25 °C unless otherwise noted.
Analog Input
Absolute accuracy, single-ended
Absolute accuracy at full scale, differential1
Number of channels............................
8 single-ended/4 differential
Type of ADC ........................................
Successive approximation
ADC resolution (bits)
Maximum sampling rate (system dependent)
Input range, single-ended...................
±10 V
Input range, differential......................
±20, ±10, ±5, ±4, ±2.5, ±2,
±1.25, ±1 V
Maximum working voltage .................
±10 V
Overvoltage protection .......................
±35 V
FIFO buffer size ...................................
512 B
Timing resolution ................................
41.67 ns (24 MHz timebase)
Timing accuracy ..................................
100 ppm of actual sample rate
Input impedance .................................
144 k
Ω
Trigger source......................................
Software or external digital trigger
System noise.......................................
5 m Vrms (±10 V range)
Analog Output
Absolute accuracy (no load) ...............
7 mV typical, 36.4 mV maximum
at full scale
Number of channels............................
2
Type of DAC ........................................
Successive approximation
DAC resolution ....................................
12 bits
Maximum update rate ........................
150 Hz, software-timed
1Input voltages may not exceed the working voltage range.
Output range .......................................
0 to +5 V
Output impedance...............................
50
Ω
Output current drive............................
5 mA
Power-on state....................................
0 V
Slew rate.............................................
1 V/µs
Short-circuit current ............................
50 mA
Digital I/O
Number of channels............................
12 total
8 (P0.<0..7>)
4 (P1.<0..3>)
Direction control .................................
Each channel individually
programmable as input or output
Output driver type
USB-6008 ........................................
Open-drain
USB-6009 ........................................
Each channel individually
programmable as push-pull or
open-drain
Compatibility .......................................
CMOS, TTL, LVTTL
Internal pull-up resistor ......................
4.7 k
Ω to +5 V
Power-on state....................................
Input (high impedance)
Absolute maximum voltage range......
-0.5 to +5.8 V
Digital logic levels
Counter
Number of counters ............................
1
Resolution ...........................................
32 bits
Counter measurements.......................
Edge counting (falling edge)
Pull-up resistor ....................................
4.7 k
Ω to 5 V
Maximum input frequency..................
5 MHz
Minimum high pulse width.................
100 ns
Minimum low pulse width..................
100 ns
Input high voltage ...............................
2.0 V
Input low voltage ................................
0.8 V
Power available at I/O connector
+5 V output (200 mA maximum) .........
+5 V typical
+4.85 V minimum
+2.5 V output (1 mA maximum) ..........
+2.5 V typical
+2.5 V output accuracy .......................
0.25% max
Voltage reference temperature drift...
50 ppm/°C max
Low-Cost, Bus-Powered Multifunction DAQ for USB – 12- or 14-Bit, up to 48 kS/s, 8 Analog Inputs
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Module
Differential
Single-Ended
USB-6008
12
11
USB-6009
14
13
Range
Typical at 25 ˚C (mV)
Maximum (0 to 55 ˚C) (mV)
±10
14.7
138
Module
Maximum Sampling Rate (kS/s)
USB-6008
10
USB-6009
48
Level
Min
Max
Units
Input low voltage
-0.3
0.8
V
Input high voltage
2.0
5.8
V
Input leakage current
–
50
µA
Output low voltage (I = 8.5 mA)
–
0.8
V
Output high voltage (push-pull, I = -8.5 mA)
2.0
3.5
V
Output high voltage (open-drain, I = -0.6 mA, nominal)
2.0
5.0
V
Output high voltage (open-drain, I = -8.5 mA,
with external pull-up resistor)
2.0
–
V
Range
Typical at 25 ˚C (mV)
Maximum (0 to 55 ˚C) (mV)
±20
14.7
138
±10
7.73
84.8
±5
4.28
58.4
±4
3.59
53.1
±2.5
2.56
45.1
±2
2.21
42.5
±1.25
1.70
38.9
±1
1.53
37.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com