Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-8472 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # USB-8472
Description  1-port interfaces for high-speed CAN,low-speed/fault-tolerant CAN, and LIN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-8472 Datasheet(HTML) 3 Page - National Instruments Corporation

  USB-8472 Datasheet HTML 1Page - National Instruments Corporation USB-8472 Datasheet HTML 2Page - National Instruments Corporation USB-8472 Datasheet HTML 3Page - National Instruments Corporation USB-8472 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NI Spy
NI Spy is a utility for monitoring NI-CAN API calls made by applications
without recompiling or rebuilding. It is ideal for testing application
functionality, troubleshooting problems, and verifying communication
with CAN devices. NI Spy dynamically captures and displays all NI-CAN
API calls made by applications running on the computer.
Specifications
USB Power Requirements
USB-8472(s), USB-8473(s) ..................
250 mA, 5 VDC
USB-8476(s).........................................
200 mA, 5 VDC
Hardware Synchronization
Input clocks .........................................
1, 10, and 20 MHz
Output clock ........................................
1 MHz
Trigger lines.........................................
1 input/output
Clock lines ...........................................
1 input/output
Examples included for sync to NI-DAQmx, LIN, CAN, and RTSI bus.
Supported Baud Rates
USB-8472(s).........................................
5,000 to 125,000 baud
USB-8473(s).........................................
40,000 to 1,000,000 baud
USB-8476(s).........................................
2,400 to 20,000 baud
Safety
Galvanic CAN channel to
USB isolation ..................................
500 V
Withstand............................................
2 s maximum
Dimensions
Nonsynchronized versions ..................
7.87 by 6.35 by 2.54 cm
(3.1 by 2.5 by 1.0 in.)
Synchronized versions ........................
7.87 by 7.11 by 2.54 cm
(3.1 by 2.8 by 1.0 in.)
Cable length ........................................
2 m
I/O connector ......................................
9-pin male D-Sub, optional 3-pin
COMBICON for synchronization
Operating Environment
Ambient temperature..........................
0 to 55 °C
Relative humidity ................................
10 to 90%, noncondensing
(tested in accordance with
IEC-60068-2-1, IEC-60068-2-2,
IEC-60068-2-56)
CAN and LIN Interfaces for Hi-Speed USB
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Ordering Information
NI USB-8472
1-port, low-speed, USB CAN interface ................................779790-01
NI USB-8472s
1-port, low-speed, USB CAN interface
with synchronization ............................................................779791-01
NI USB-8473
1-port, high-speed, USB CAN interface................................779792-01
NI USB-8473s
1-port, high-speed, USB CAN interface
with synchronization ............................................................779793-01
NI USB-8476
1-port, USB LIN interface ......................................................779794-01
NI USB-8476s
1-port, USB LIN interface with synchronization ..................779795-01
CAN Device Simulator
U.S. 120 VAC ........................................................................779189-01
Euro 240 VAC ........................................................................779189-02
Japan 100 VAC ......................................................................779189-07
Cables and Brackets
USB cable strain relief bracket ............................................777550-01
CAN single-termination, high-speed cable, 2 m ..................192017-02
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/can.
Figure 3. COMBICON Synchronization Connector for USB-847x Devices



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com