Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

425FX2AM Datasheet(PDF) 1 Page - CTS Corporation

Part # 425FX2AM
Description  Surface Mount Quartz Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

425FX2AM Datasheet(HTML) 1 Page - CTS Corporation

  425FX2AM Datasheet HTML 1Page - CTS Corporation 425FX2AM Datasheet HTML 2Page - CTS Corporation 425FX2AM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document No. 008-0332-0
Page 1 - 3
Rev. B
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model 425
Surface Mount Quartz Crystal
ORDERING INFORMATION
425
MODE OF OSCILLATION
FREQUENCY IN MHz
F = Fundamental
M - indicates MHz and decimal point.
Frequency is recorded with minimum 4
significant digits to the right of the "M".
M
FREQUENCY TOLERANCE @ 25°C
1 = ± 10 ppm
X = ± 15 ppm
2 = ± 20 ppm
3 = ± 30 ppm (standard)
LOAD CAPACITANCE
A = 10 pF
B = 13 pF
C = 16 pF
D = 18 pF
E = 20 pF
F = 24 pF
G = 30 pF
H = 32 pF
J = 9 pF
K = 8 pF
L = 12 pF
S = Series
STABILITY TOLERANCE/TEMPERATURE RANGE
Over Operating Temperature Range
(Referenced to 25°C Reading)
Example Part Numbers:
425F35E014M3181
425FX9A050M0000
1 = ± 10 ppm, -20°C to +70°C
X = ± 15 ppm, -20°C to +70°C
2 = ± 20 ppm, -20°C to +70°C
3 = ± 30 ppm, -20°C to +70°C
4 = ± 40 ppm, -20°C to +70°C
5 = ± 50 ppm, -20°C to +70°C (standard)
6 = ± 20 ppm, -40°C to +85°C
7 = ± 30 ppm, -40°C to +85°C
8 = ± 40 ppm, -40°C to +85°C
9 = ± 50 ppm, -40°C to +85°C
Not all performance combinations and frequencies may be available.
Contact your local CTS Representative or CTS Customer Service for availability.
Custom performance characteristics are available upon request.
Use form C052 to detail non-standard parameters.
FEATURES
• Standard 2.5x2.0mm Surface Mount Footprint
• Stable Frequency Over Temperature and
Drive Level
• Fundamental Crystal Design
• Frequency Range 16 – 54 MHz
• Frequency Tolerance, ±30 ppm Standard
(±10 ppm, ±15 ppm and ±20 ppm available)
• Frequency Stability, ±50 ppm Standard
(±10,±15,±20,±30 and ±40 ppm available)
• Operating Temperature to –40°C to +85°C
• Tape & Reel Packaging, EIA-481-2 Compliant
• RoHS/Green Compliant (6/6)
DESCRIPTION
The Model 425 is a ceramic packaged Crystal
offering reduced size, ideal for high-density
circuit board applications. The Model 425 offers
reliable precision and excellent shock
performance in wireless telecommunication
devices.


Similar Part No. - 425FX2AM

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
425FX2AM CTS-425FX2AM Datasheet
136Kb / 3P
Surface Mount Quartz Crystal
More results

Similar Description - 425FX2AM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
Surface Mount Quartz Crystal
logo
CTS Corporation
403 CTS-403 Datasheet
132Kb / 3P
Surface Mount Quartz Crystal
405 CTS-405 Datasheet
135Kb / 3P
Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
Surface Mount Quartz Crystal
425 CTS-425 Datasheet
136Kb / 3P
Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
Surface Mount Quartz Crystal
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
Surface Mount Quartz Crystal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com