Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103IDT Datasheet(PDF) 15 Page - STMicroelectronics

Part # TSC103IDT
Description  High-voltage, high-side current sense amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103IDT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TSC103IDT Datasheet HTML 11Page - STMicroelectronics TSC103IDT Datasheet HTML 12Page - STMicroelectronics TSC103IDT Datasheet HTML 13Page - STMicroelectronics TSC103IDT Datasheet HTML 14Page - STMicroelectronics TSC103IDT Datasheet HTML 15Page - STMicroelectronics TSC103IDT Datasheet HTML 16Page - STMicroelectronics TSC103IDT Datasheet HTML 17Page - STMicroelectronics TSC103IDT Datasheet HTML 18Page - STMicroelectronics TSC103IDT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
TSC103
Maximum permissible voltages on pins
Doc ID 16873 Rev 1
15/23
5
Maximum permissible voltages on pins
The TSC103 can be used in either single- or dual-supply configuration. The dual-supply
configuration is achieved by disconnecting Vcc- and Gnd, and connecting Vcc- to a negative
supply. Figure 8 illustrates how the absolute maximum voltages on input pins Vp and Vm are
referred to the Vcc- potential, while the maximum voltages on the positive supply pin, gain
selection pins and output pins are referred to the Gnd pin. It should also be noted that the
maximum voltage between Vcc- and Vcc+ is limited to 15 V.
Figure 8.
Maximum voltages on pins
+75 V
Vp and Vm
Vcc+
-16 V
+15 V
+7 V
Vp and Vm
-0.3 V
Vcc+
+ 0.3 V
SEL1, SEL2 and Out
SEL1, SEL2 and Out
Vcc-
Vcc-
Gnd
Vcc+
Gnd
-0.3V
Vcc+
AM04522



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com