Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VP3003A0S Datasheet(PDF) 2 Page - SHIELD s.r.l.

Part # VP3003A0S
Description  For electrovalves, receptacle, male
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

VP3003A0S Datasheet(HTML) 2 Page - SHIELD s.r.l.

  VP3003A0S Datasheet HTML 1Page - SHIELD s.r.l. VP3003A0S Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
version 091028
CONNECTORS | CONNETTORI
VP-VR-VT-VU
www.shield.net
45-29
A
main descript.
descriz. princip.
(a1)
contacts
contatti
fitting
diameter
diametro
adattabile
mm
drawing
disegno
fixing
holes
fori
di fissaggio
included
accessories
accessori
inclusi
max wire
section
max sez.
filo
mm2
max
voltage
tensione
massima
Vdc / Vac
max
current
corrente
max
A
VR11 02A0S
2+G
--
1 central screw
1 screw M3x8
1 gasket
1 vite centrale
1 vite M3x8
1 guarnizione
1
250
10
VT11 02A0S
2+G
--
1 screw M2,5x8
1 gasket
1 vite M2,5x8
1 guarnizione
0,75
250
6
VT11 03A0S
3+G
--
VU11 02A0S
2+G
--
1 screw M3x8
1 gasket
1 vite M3x8
1 guarnizione
0,75
250
6
VU11 03A0S
3+G
--
(a1) yellow codes are preferred;
i codici gialli sono preferiti;
B
wires soldered on the
terminals back side
fili saldati sulla parte
posteriore contatti
(b1)
empty space
or 000
spazio vuoto
o 000
4A6
5A3
5A7
5A8
6A3
nominal section
sezione nominale
mm2
no wires
senza fili
0,50
0,75
0,75
0,75
1,00
UL and CSA approved gauge
dimensione approvata UL e CSA
AWG
22
--
18
--
--
copper class
classe rame
5
5
5
5
5
working temperature
temperatura di lavoro
°C
-25…+80
-15…+70
-25..+105
-60..+180
-15…+70
UL + CSA approved wires
fili omologati UL + CSA
MTW
--
AWM
--
--
insulation material
materiale isolamento
PVC
PVC
PVC
silicone
PVC
(b1) wires colour and terminal number: brown 1, blue 2, black 3, green/yellow ground;
colore fili e numero terminale: marrone 1, blu 2, nero 3, giallo/verde terra
C
wires length code
codice lunghezza fili (c1)
empty space
or 000
spazio vuoto
o 000
0200
0300
0500
wires length
lunghezza fili
m
no wires
senza fili
0,2
0,3
0,5
(c1) any cable length is possible for orders over 300 pieces;
possibile qualsiasi lunghezza di cavo per ordini superiori a 300 pezzi
D
variant code
codice variante
empty space or 000
spazio vuoto o 000
L00
(d1)
other characteristics on request
altre caratteristiche a richiesta
no variant
nessuna variante
UL and CSA certification
omologazione UL e CSA
E238550
(d1) available only for VP and VR series;
disponibile solo per serie VP e VR.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com