Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDMF06200 Datasheet(PDF) 2 Page - SHIELD s.r.l.

Part # RDMF06200
Description  M12, coding A, with cable, angled
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

RDMF06200 Datasheet(HTML) 2 Page - SHIELD s.r.l.

  RDMF06200 Datasheet HTML 1Page - SHIELD s.r.l. RDMF06200 Datasheet HTML 2Page - SHIELD s.r.l. RDMF06200 Datasheet HTML 3Page - SHIELD s.r.l. RDMF06200 Datasheet HTML 4Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
version 091028
CONNECTORS | CONNETTORI
RDM
www.shield.net
45-49
B
cable code
codice cavo
(b1)
max
current
corrente
max
A @ 40°C
voltage
drop
caduta
di tensione
V @ 1A x 1m
(b2)
wires x size
fili x sezione
n x mm2
(b3)
cable
material
materiale
cavo
reference
riferimento
sheath
colour
colore
guaina
RAL
wire
colour
colore
fili
(a2) (b4)
cable
class
classe
cavo
cable
temperature
temperatura
cavo
°C
cable
data sheet
scheda
cavo
107
3,2
0,32
2 x 0,14
pvc
LifYY
bk 9005
A
6
-25...+ 90
MN-GE
429
4,0
0,09
2 x 0,50
pur pvc
LiYY11Y
bk 9005
A
5
-25...+ 80
MF-HK
409
4,0
0,09
2 x 0,50
pvc
IEC 60332-3A
gy 7035
A
5
-15...+ 70
MN-BK
412
4,0
0,09
2 x 0,50
pvc
LiYY
bk 9005
A
5
-25...+ 90
MN-GK
516
4,0
0,06
2 x 0,75
pur pvc
LiYY11Y
bk 9005
A
5
-25...+ 80
MF-HK
503
4,0
0,06
2 x 0,75
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
414
4,0
0,09
2+1 x 0,50
pvc
LiYY
bk 9005
A
5
-25...+ 90
MN-GK
145
3,2
0,32
3 x 0,14
pur halogenfree
Lif9Y11Y
bk 9005
A
6
-40...+80
MC-OE
108
3,2
0,32
3 x 0,14
pvc
LifYY
bk 9005
A
6
-25...+ 90
MN-GE
373
4,0
0,13
3 x 0,34
pur halogenfree
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
MC-TE
341
4,0
0,13
3 x 0,34
pur pvc
LifYY11Y
bk 9005
A
6
-25...+ 80
MF-HE
321
4,0
0,13
3 x 0,34
pvc
IEC 60332-3A
gy 7035
A
6
-25...+ 90
MN-AE
301
4,0
0,13
3 x 0,34
pvc
LifYY
bk 9005
A
6
-25...+ 90
MN-GE
307
4,0
0,13
3 x 0,34
pvc
300V 80°C UL-CSA
bk 9005
A
6
-25...+ 80
MN-TE
441
4,0
0,09
3 x 0,50
pur pvc
LiYY11Y
bk 9005
A
5
-25...+ 80
MF-HK
411
4,0
0,09
3 x 0,50
pvc
LiYY
bk 9005
A
5
-25...+ 90
MN-GK
507
4,0
0,06
3 x 0,75
pvc
LiYY
bk 9005
A
5
-15...+ 70
MN-HK
422
4,0
0,09
3+1 x 0,50
pvc
IEC 60332-3A
gy 7035
A
5
-15...+ 70
MN-BK
376
4,0
0,13
4 x 0,34
pur halogenfree
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
MC-TE
342
4,0
0,13
4 x 0,34
pur pvc
LifYY11Y
bk 9005
A
6
-25...+ 80
MF-HE
322
4,0
0,13
4 x 0,34
pvc
IEC 60332-3A
gy 7035
A
6
-25...+ 90
MN-AE
302
4,0
0,13
4 x 0,34
pvc
LifYY
bk 9005
A
6
-25...+ 90
MN-GE
308
4,0
0,13
4 x 0,34
pvc
300V 80°C UL-CSA
bk 9005
A
6
-25...+ 80
MN-TE
446
4,0
0,09
4 x 0,50
pur pvc
LiYY11Y
bk 9005
A
5
-25...+ 80
MF-HK
525
4,0
0,06
4 x 0,75
pvc
IEC 60332-3A
gy 7035
A
5
-15...+ 70
MN-BK
326
4,0
0,13
4+1 x 0,34
pvc
IEC 60332-3A
gy 7035
A
6
-25...+ 90
MN-AE
309
4,0
0,13
4+1 x 0,34
pvc
300V 80°C UL-CSA
bk 9005
A
6
-25...+ 80
MN-TE
478
4,0
0,09
4+1 x 0,50
pur halogenfree
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
MC-TE
445
4,0
0,09
4+1 x 0,50
pur pvc
LiYY11Y
bk 9005
A
5
-25...+ 80
MF-HK
547
4,0
0,06
4+1 x 0,75
pur halogenfree
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
MC-TE
241
4,0
0,18
5 x 0,25
pur pvc
LifYY11Y
bk 9005
A
6
-25...+ 80
MF-HE
221
4,0
0,18
5 x 0,25
pvc
IEC 60332-3A
gy 7035
A
6
-25...+ 90
MN-AE
201
4,0
0,18
5 x 0,25
pvc
LifYY
bk 9005
A
6
-25...+ 90
MN-GE
311
4,0
0,13
5+1 x 0,34
pvc
300V 80°C UL-CSA
bk 9005
A
6
-25...+ 80
MN-TE
222
2,0
0,18
6 x 0,25
pvc
IEC 60332-3A
gy 7035
C
6
-25...+ 90
MN-AE
279
2,0
0,18
8 x 0,25
pur halogen free
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
MC-TE
242
2,0
0,18
8 x 0,25
pur pvc
LifYY11Y
bk 9005
C
6
-25...+ 80
MF-HE
223
2,0
0,18
8 x 0,25
pvc
IEC 60332-3A
gy 7035
C
6
-25...+ 90
MN-AE
202
2,0
0,18
8 x 0,25
pvc
300V 80°C UL-CSA
bk 9005
C
6
-25...+ 80
MN-TE
247
1,5
0,18
12 x 0,25
pur pvc
300V 80°C UL-CSA
gy 7035
C
5
-25...+ 80
MF-TK
(b1) other cables are available on request such as: irradiated pur, teflon, shielded cables, etc. (see cable catalogue);
altri cavi sono disponibili a richiesta come: pur irradiato, teflon, cavi schermati, ecc. (vedere catalogo cavi).
(b2) IEC norms allow maximum values drop on the cable from 3% to 5% of rated voltage (for calculation see Technical Information);
le norme IEC ammettono valori massimi di caduta sul cavo dal 3% al 5% della tensione nominale (per il calcolo vedere Informazioni Tecniche).
(b3) example: 3 = three conductors; 4+1 = four wires + green/yellow ground.
esempio: 3 = tre conduttori; 4+1 = quattro conduttori + terra giallo/verde.
(b4) wires colour: A = bn, bu (2 wires), bn, bu, bk (3 wires), bn, bu, bk, wh (4 wires), bn, bu, bk, wh, gy or gn/ye (5 wires); C = din 47100.
colore fili: A = bn, bu (2 fili), bn, bu, bk (3 fili), bn, bu, bk, wh (4 fili), bn, bu, bk, wh, gy o gn/ye (5 fili); C = din 47100.
C
length code
codice lunghezza
(c1)
1000
1500
2000
3000
5000
8000
MT10
MT15
MT20
cable length
lunghezza cavo
m
1
1,5
2
3
5
8
10
15
20
(c1) any cable length is possible for orders over 100 pieces; for extension cables lengths of 0,3 and 0,6 m are available as well;
possibile qualsiasi lunghezza di cavo per ordini superiori a 100 pezzi; per le prolunghe sono disponibili anche le lunghezze di 0,3 e 0,6 m.
D
variant code
codice variante
empty space or 000
spazio vuoto o 000
005
other characteristics on request
altre caratteristiche a richiesta
no variant
nessuna variante
stainless steel hexagonal nut
dado esagonale acciaio inox
E
second side
secondo lato
(e1)
empty space
spazio vuoto
RDLF
RDLM
RDMF
RDMM
description
descrione
only stripped cable
solo cavo sguainato
M12, straight, female
M12, diritto, femmina
M12, straight, male
M12, diritto, maschio
M12, angled, female
M12, angolato, femmina
M12, angled, male
M12, angolato, maschio
photo
foto
wires connection
collegamento fili
--
standard connection pin to pin,
other connections on request;
collegamento standard terminale a terminale,
altri collegamenti a richiesta.
(e1) to verify second head characteristics, see respective product data sheets;
per verificare le caratteristiche della seconda testa, vedere le rispettive schede prodotto.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com