Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDEF00530 Datasheet(PDF) 4 Page - SHIELD s.r.l.

Part # RDEF00530
Description  M12 coding A, receptacle, with wires, frontal assembling
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

RDEF00530 Datasheet(HTML) 4 Page - SHIELD s.r.l.

  RDEF00530 Datasheet HTML 1Page - SHIELD s.r.l. RDEF00530 Datasheet HTML 2Page - SHIELD s.r.l. RDEF00530 Datasheet HTML 3Page - SHIELD s.r.l. RDEF00530 Datasheet HTML 4Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
version 091028
CONNECTORS | CONNETTORI
RDE
www.shield.net
45-55
C
contacts code
codice contatti
(c1)
W000
total contact length
lunghezza contatti totale
L
mm
6
contact extremity
reduced diameter length
lunghezza diametro ridotto
estremità del contatto
R
mm
3
contact reduced diameter
diametro ridotto del contatto
Ø V
mm
0,8
contact diameter
diametro del contatto
Ø W
mm
1,2
(c1) different lengths available on request.
lunghezze diverse possibili su richiesta.
D
variant code
codice variante
000
005
006
007
body material
materiale corpo
Ni plated brass
ottone nichelato
stainless steel
acciaio inox
Ni plated brass
ottone nichelato
Ni plated brass
ottone nichelato
fixing thread, T
filetto di fissaggio, T
M16x1,5
M16x1,5
PG9
M20x1,5
ACCESSORIES / ACCESSORI
nut code, optional
codice dado, opzionale
1905.M16
1905.M16X
1905.PG9
1905.M20
nut material
materiale dado
Ni plated brass
ottone nichelato
stainless steel
acciaio inox
Ni plated brass
ottone nichelato
Ni plated brass
ottone nichelato
threading
filettatura
M16x1,5
M16x1,5
PG9
M20x1,5
hexagonal wrench
chiave
Hex 17
Hex 17
Hex 17
Hex 23
max diameter, V
diametro max, V
Ø 18 mm
Ø 18 mm
Ø 18 mm
Ø 26 mm
thickness, K
spessore, K
2,8 mm
2,8 mm
2,8 mm
2,8 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com