Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTV Datasheet(PDF) 2 Page - SHIELD s.r.l.

Part # FTV
Description  MAGNETIC SWITCHES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

FTV Datasheet(HTML) 2 Page - SHIELD s.r.l.

  FTV Datasheet HTML 1Page - SHIELD s.r.l. FTV Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
tie-rod
tirante
wide groove
cava larga
FA 52
4-3
FA 56
4-4
www.shield.net
direct mounting
montaggio diretto
accessories | accessori
cable length | lunghezza cavo (L)
10000 mm
MT10
15000 mm
MT15
MAGNETIC SWITCHES - INTERRUTTORI MAGNETICI
clamps and brackets | fascette e staffe
page reference
pagina di riferimento
preferred items
articoli preferenziali
B
C
choose your product in three easy steps
scegli il tuo prodotto in tre comodi passaggi
B
A
C
+
+
=
(part number composition example | esempio composizione codice d’ordine)
NOTE | NOTA
?
3000 mm
3000
other special lengths available on request
altre lunghezze speciali disponibili a richiesta
only on request
solo a richiesta
not possible product
prodotto non possibile
black
nero
BN =
blue
blu
BU =
brown
marrone
BK
=
F0000 00 3000
FTV
3-FTV-2
no connector
nessun connettore
RELM
M8 straight 24V
suitable for distribution box
M8 diritto 24V
adatto per scatole di distribuzione
REOM
M8 straight 110V
M8 diritto 110V
RDLM
M12 straight 110V
suitable for distribution box
M12 diritto 110V
adatto per scatole di distribuzione
21
01
02
00
12
connector type | tipo connettore
6000
6000 mm
0600
600 mm
300 mm
0300



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com