Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF24WB0MB Datasheet(PDF) 21 Page - Microchip Technology

Part # MRF24WB0MB
Description  2.4 GHz, IEEE Std. 802.11b??RF Transceiver Module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF24WB0MB Datasheet(HTML) 21 Page - Microchip Technology

Back Button MRF24WB0MB Datasheet HTML 17Page - Microchip Technology MRF24WB0MB Datasheet HTML 18Page - Microchip Technology MRF24WB0MB Datasheet HTML 19Page - Microchip Technology MRF24WB0MB Datasheet HTML 20Page - Microchip Technology MRF24WB0MB Datasheet HTML 21Page - Microchip Technology MRF24WB0MB Datasheet HTML 22Page - Microchip Technology MRF24WB0MB Datasheet HTML 23Page - Microchip Technology MRF24WB0MB Datasheet HTML 24Page - Microchip Technology MRF24WB0MB Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS70632A-page 21
MRF24WB0MA/MRF24WB0MB
3.0
REGULATORY APPROVAL
The MRF24WB0MA/MRF24WB0MB module has
received regulatory approvals for modular devices in
the United States, Canada and European countries.
Modular approval allows the end user to place the
MRF24WB0MA/MRF24WB0MB module inside a fin-
ished product and not require regulatory testing for an
intentional radiator (RF transmitter), provided no
changes or modifications are made to the module cir-
cuitry. Changes or modifications could void the user’s
authority to operate the equipment. The end user must
comply with all of the instructions provided by the
Grantee, which indicate installation and/or operating
conditions necessary for compliance.
The integrator may still be responsible for testing the
end product for any additional compliance require-
ments that become necessary with this module
installed (for example: digital device emission, PC
peripheral requirements, etc.) in the specific country
that the end device will be marketed.
Refer to the specific country radio regulations for
details on regulatory compliance.
3.1
United States
The MRF24WB0MA/MRF24WB0MB has received
Federal Communications Commission (FCC) CFR47
Telecommunications, Part 15 Subpart C “Intentional
Radiators” 15.247 and modular approval in accordance
with FCC Public Notice DA 00-1407 Released: June
26, 2000, Part 15 Unlicensed Modular Transmitter
Approval. The MRF24WB0MA/MRF24WB0MB module
can be integrated into a finished product without obtain-
ing subsequent and separate FCC approvals.
The MRF24WB0MA/MRF24WB0MB module has been
labeled with its own FCC ID number, and if the FCC ID
is not visible when the module is installed inside
another device, then the outside of the finished product
into which the module is installed must also display a
label referring to the enclosed module. The following
examples present terminology that could be used:
A user’s manual for the product should include the
following statement:
Contains Transmitter Module FCC ID:
W7OZG2100-ZG2101
or
Contains FCC ID: W7OZG2100-ZG2101
This device complies with Part 15 of the FCC
Rules. Operation is subject to the following two
conditions:
(1) this device may not cause harmful interference,
and (2) this device must accept any interference
received, including interference that may cause
undesired operation.
This equipment has been tested and found to com-
ply with the limits for a Class B digital device, pur-
suant to part 15 of the FCC Rules. These limits are
designed to provide reasonable protection against
harmful interference in a residential installation.
This equipment generates, uses and can radiate
radio frequency energy, and if not installed and
used in accordance with the instructions, may
cause harmful interference to radio communica-
tions. However, there is no guarantee that interfer-
ence will not occur in a particular installation. If this
equipment does cause harmful interference to
radio or television reception, which can be deter-
mined by turning the equipment off and on, the
user is encouraged to try to correct the interference
by one or more of the following measures:
• Reorient or relocate the receiving antenna.
• Increase the separation between the equipment
and receiver.
• Connect the equipment into an outlet on a circuit
different from that to which the receiver is
connected.
• Consult the dealer or an experienced radio/TV
technician for help.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com