Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTP3N50D2 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTP3N50D2
Description  Depletion Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP3N50D2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTP3N50D2 Datasheet HTML 1Page - IXYS Corporation IXTP3N50D2 Datasheet HTML 2Page - IXYS Corporation IXTP3N50D2 Datasheet HTML 3Page - IXYS Corporation IXTP3N50D2 Datasheet HTML 4Page - IXYS Corporation IXTP3N50D2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXTA3N50D2
IXTP3N50D2
Fig. 1. Output Characteristics @ TJ = 25ºC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VDS - Volts
VGS = 5V
3V
2V
1V
-2V
0V
-3V
-1V
Fig. 2. Extended Output Characteristics @ TJ = 25ºC
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
VDS - Volts
VGS = 5V
3V
2V
-2V
-1V
0V
1V
Fig. 3. Output Characteristics @ TJ = 125ºC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0123
4567
VDS - Volts
VGS = 5V
2V
1V
-1V
-2V
-3V
0V
Fig. 4. Drain Current @ TJ = 25ºC
1.E-06
1.E-05
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0
100
200
300
400
500
600
VDS - Volts
VGS = - 2.50V
- 3.25V
- 2.75V
- 3.00V
- 3.50V
- 3.75V
- 4.00V
Fig. 5. Drain Current @ TJ = 100ºC
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
0
100
200
300
400
500
600
VDS - Volts
VGS = -2.75V
-3.00V
-3.25V
-4.00V
-3.50V
-3.75V
Fig. 6. Dynamic Resistance vs. Gate Voltage
1.E+03
1.E+04
1.E+05
1.E+06
1.E+07
1.E+08
-4.2
-4.0
-3.8
-3.6
-3.4
-3.2
-3.0
-2.8
-2.6
-2.4
VGS - Volts
∆VDS = 350V - 100V
TJ = 25ºC
TJ = 100ºC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com