Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90437LPF Datasheet(PDF) 17 Page - fujitsu semiconductor

Part # MB90437LPF
Description  16-bit Proprietary Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90437LPF Datasheet(HTML) 17 Page - fujitsu semiconductor

Back Button MB90437LPF Datasheet HTML 13Page - fujitsu semiconductor MB90437LPF Datasheet HTML 14Page - fujitsu semiconductor MB90437LPF Datasheet HTML 15Page - fujitsu semiconductor MB90437LPF Datasheet HTML 16Page - fujitsu semiconductor MB90437LPF Datasheet HTML 17Page - fujitsu semiconductor MB90437LPF Datasheet HTML 18Page - fujitsu semiconductor MB90437LPF Datasheet HTML 19Page - fujitsu semiconductor MB90437LPF Datasheet HTML 20Page - fujitsu semiconductor MB90437LPF Datasheet HTML 21Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
MB90435 Series
DS07-13727-2E
17
(6) Pull-up/down resistors
The MB90435 Series does not support internal pull-up/down resistors (except Port0
− Port3 : pull-up
resistors) . Use external components where needed.
(7) Crystal Oscillator Circuit
Noises around X0 or X1 pins may be possible causes of abnormal operations. Make sure to provide bypass
capacitors via the shortest distances from X0, X1 pins, crystal oscillator (or ceramic resonator) and ground lines,
and make sure, to the utmost effort, that lines of oscillation circuits do not cross the lines of other circuits.
It is highly recommended to provide a printed circuit board artwork surrounding X0 and X1 pins with a ground
area for stabilizing the operation.
(8) Turning-on Sequence of Power Supply to A/D Converter and Analog Inputs
Make sure to turn on the A/D converter power supply (AVCC, AVRH, AVRL) and analog inputs (AN0 to AN7) after
turning-on the digital power supply (VCC) .
Turn-off the digital power after turning off the A/D converter supply and analog inputs. In this case, make sure
that the voltage does not exceed AVRH or AVCC (turning on/off the analog and digital power supplies simulta-
neously is acceptable) .
(9) Connection of Unused Pins of A/D Converter
Connect unused pins of A/D converter to AVCC
= VCC, AVSS = AVRH = VSS.
(10) N.C. Pin
The N.C. (internally connected) pin must be opened for use.
(11) Notes on Energization
To prevent the internal regulator circuit from malfunctioning, set the voltage rise time during energization at
50
µs or more (0.2 V to 2.7 V) .
(12) Initialization
In the device, there are internal registers which are initialized only by a power-on reset. To initialize these registers,
please turn on the power again.
(13) Directions of “DIV A, Ri” and “DIVW A, RWi” instructions
In the Signed multiplication and division instructions (“DIV A, Ri” and “DIVW A, RWi”) , the value of the
corresponding bank register (DTB, ADB, USB, SSB) is set in “00H”.
If the values of the corresponding bank registers (DTB, ADB, USB, SSB) are set to other than “00H”, the remainder
by the execution result of the instruction is not stored in the register of the instruction operand.
(14) Using REALOS
The use of EI2OS is not possible with the REALOS real time operating system.
(15) Caution on Operations during PLL Clock Mode
If the PLL clock mode is selected, the microcontroller attempt to be working with the self-oscillating circuit even
when there is no external oscillator or external clock input is stopped. Performance of this operation, however,
cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com