Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90553APF Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB90553APF
Description  16-bit Proprietary Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90553APF Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB90553APF Datasheet HTML 17Page - fujitsu semiconductor MB90553APF Datasheet HTML 18Page - fujitsu semiconductor MB90553APF Datasheet HTML 19Page - fujitsu semiconductor MB90553APF Datasheet HTML 20Page - fujitsu semiconductor MB90553APF Datasheet HTML 21Page - fujitsu semiconductor MB90553APF Datasheet HTML 22Page - fujitsu semiconductor MB90553APF Datasheet HTML 23Page - fujitsu semiconductor MB90553APF Datasheet HTML 24Page - fujitsu semiconductor MB90553APF Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
MB90550A/550B Series
DS07-13706-6E
21
■ F2MC-16LX CPU PROGRAMMING MODEL
• Dedicated registers
AH
AL
USP
SSP
PS
PC
DPR
PCB
DTB
USB
SSB
ADB
8 bit
16 bit
32 bit
: Accumulator (A)
Dual 16-bit register used for storing results of calculation, etc. The two 16-bit
registers can be combined and used as a 32-bit register.
: Additional data bank register (ADB)
The 8-bit register indicating the additional data space.
: User stack bank register (USB)
The 8-bit register indicating the user stack space.
: System stack pointer (SSP)
The 16-bit pointer indicating the status of the system stack address.
: Processor status (PS)
The 16-bit register indicating the system status.
: Program bank register (PCB)
The 8-bit register indicating the program space.
: Data bank register (DTB)
The 8-bit register indicating the data space.
: Program counter (PC)
The 16-bit register indicating storing location of the current instruction code.
: Direct page register (DPR)
The 8-bit register indicating bits 8 through 15 of the operand address in the short
direct addressing mode.
: System stack bank register (SSB)
The 8-bit register indicating the system stack space.
: User stack pointer (USP)
The 16-bit pointer indicating a user stack address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com