Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90591GPF Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB90591GPF
Description  16-bit Proprietary Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90591GPF Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB90591GPF Datasheet HTML 17Page - fujitsu semiconductor MB90591GPF Datasheet HTML 18Page - fujitsu semiconductor MB90591GPF Datasheet HTML 19Page - fujitsu semiconductor MB90591GPF Datasheet HTML 20Page - fujitsu semiconductor MB90591GPF Datasheet HTML 21Page - fujitsu semiconductor MB90591GPF Datasheet HTML 22Page - fujitsu semiconductor MB90591GPF Datasheet HTML 23Page - fujitsu semiconductor MB90591GPF Datasheet HTML 24Page - fujitsu semiconductor MB90591GPF Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
MB90590G Series
DS07-13704-6E
21
(Continued)
Address
Register
Abbreviation Access
Peripheral
Initial value
48H
PPG8 Operation Mode Control Register
PPGC8
R/W
16-bit Programmable
Pulse
Generator 8/9
0 _ 0 0 0 _ _ 1B
49H
PPG9 Operation Mode Control Register
PPGC9
R/W
0 _ 0 0 0 0 0 1B
4AH
PPG8,9 Output Pin Control Register
PPG89
R/W
0 0 0 0 0 0 0 0B
4BH
Reserved
4CH
PPGA Operation Mode Control Register
PPGCA
R/W
16-bit Programmable
Pulse
Generator A/B
0 _ 0 0 0 _ _ 1B
4DH
PPGB Operation Mode Control Register
PPGCB
R/W
0 _ 0 0 0 0 0 1B
4EH
PPGA,B Output Pin Control Register
PPGAB
R/W
0 0 0 0 0 0 0 0B
4FH
Reserved
50H
Timer Control Status Register 0
(low-order)
TMCSR0
R/W
16-bit Reload Timer 0
0 0 0 0 0 0 0 0B
51H
Timer Control Status Register 0
(high-order)
TMCSR0
R/W
_ _ _ _ 0 0 0 0B
52H
Timer Control Status Register 1
(low-order)
TMCSR1
R/W
16-bit Reload Timer 1
0 0 0 0 0 0 0 0B
53H
Timer Control Status Register 1
(high-order)
TMCSR1
R/W
_ _ _ _ 0 0 0 0B
54H
Input Capture Control Status
Register 0/1
ICS01
R/W
Input Capture 0/1
0 0 0 0 0 0 0 0B
55H
Input Capture Control Status
Register 2/3
ICS23
R/W
Input Capture 2/3
0 0 0 0 0 0 0 0B
56H
Input Capture Control Status
Register 4/5
ICS45
R/W
Input Capture 4/5
0 0 0 0 0 0 0 0B
57H
Reserved
58H
Output Compare Control Status
Register 0
OCS0
R/W
Output Compare 0/1
0 0 0 0 _ _ 0 0B
59H
Output Compare Control Status
Register 1
OCS1
R/W
_ _ _0 0 0 0 0B
5AH
Output Compare Control Status
Register 2
OCS2
R/W
Output Compare 2/3
0 0 0 0 _ _ 0 0B
5BH
Output Compare Control Status
Register 3
OCS3
R/W
_ _ _ 0 0 0 0 0B
5CH
Output Compare Control Status
Register 4
OCS4
R/W
Output Compare 4/5
0 0 0 0 _ _ 0 0B
5DH
Output Compare Control Status
Register 5
OCS5
R/W
_ _ _ 0 0 0 0 0B
5EH
Sound Control Register (low-order)
SGCR
R/W
Sound Generator
0 0 0 0 0 0 0 0B
5FH
Sound Control Register (high-order)
SGCR
R/W
0 _ _ _ _ _ _ 0B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com