Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MORPH-IC-II Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # MORPH-IC-II
Description  ASIC prototyping using USB connectivity to FPGA
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

MORPH-IC-II Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button MORPH-IC-II Datasheet HTML 17Page - Future Technology Devices International Ltd. MORPH-IC-II Datasheet HTML 18Page - Future Technology Devices International Ltd. MORPH-IC-II Datasheet HTML 19Page - Future Technology Devices International Ltd. MORPH-IC-II Datasheet HTML 20Page - Future Technology Devices International Ltd. MORPH-IC-II Datasheet HTML 21Page - Future Technology Devices International Ltd. MORPH-IC-II Datasheet HTML 22Page - Future Technology Devices International Ltd. MORPH-IC-II Datasheet HTML 23Page - Future Technology Devices International Ltd. MORPH-IC-II Datasheet HTML 24Page - Future Technology Devices International Ltd. MORPH-IC-II Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
`
Copyright © 2010 Future Technology Devices International Limited
20
Document Reference No.: FT_000198
MORPH-IC-II Datasheet
Version 1.02
Clearance No.: FTDI#
164
5 Electrical Details
5.1 Absolute Maximum Ratings
The absolute maximum ratings of Morph-IC-II are as follows. Exceeding these values may cause
permanent damage to the device.
Parameter
Value
Unit
Storage Temperature
-65°C to 150°C
Degrees C
Ambient Operating Temperature (Power Applied)
0°C to 85°C
Degrees C
DC Input Voltage – USBDP and USBDM
-0.5 to +3.63
V
DC Input Voltage – All Other Inputs such as
PWREN#, SUSPEND#, RESET#, EECS, EECLK,
EEDATA
-0.5 to + (VCC3V3 +0.5)
V
DC Input Voltage
-0.3 to +4.6
V
DC Output Current – Outputs from the FT2232H
16
mA
DC Output Current – Outputs from the FPGA
-25 to 40
mA
VCCUSB – Self Powered Source
-0.3 to 12
V
EXT. VIO
-0.5 to 4.6
V
Table 5.1 – Absolute Maximum Ratings
5.2 Recommended Opperating Conditions
Parameter
Value
Unit
EXT. VIO - Supply voltage for output
buffers, 3.3-V operation
3.135 to 3.465
V
EXT. VIO - Supply voltage for output
buffers, 2.5-V operation
2.375 to 2.625
V
EXT. VIO - Supply voltage for output
buffers, 1.8-V operation
1.71 to 1.89
V
EXT. VIO - Supply voltage for output
buffers, 1.5-V operation
1.425 to 1.575
V
Table 5.2 – Recommended Operating Conditions
Description
VIL MAX
VIH MIN
VOL MAX
VOH MIN
Unit
3.3V LVTTL and CMOS
0.8
1.7
0.4 (LVTTL)
0.2 (LVCMOS)
2.4 (LVTTL)
EXT. VIO - 0.2
(LVCMOS)
V
2.5V LVTTL and CMOS
0.7
1.7
0.4
2.0
V
1.8V LVTTL and CMOS
0.35 x
EXT. VIO
0.65 x
EXT. VIO
0.45
EXT. VIO - 0.45
V
1.5V LVTTL and CMOS
0.35 x
EXT. VIO
0.65 x
EXT. VIO
0.25 x EXT. VIO
0.75 x EXT. VIO
V
Table 5.3 – Recommended Operating Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com