Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS1178IPAPRG4 Datasheet(PDF) 30 Page - Texas Instruments

Part # ADS1178IPAPRG4
Description  Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1178IPAPRG4 Datasheet(HTML) 30 Page - Texas Instruments

Back Button ADS1178IPAPRG4 Datasheet HTML 26Page - Texas Instruments ADS1178IPAPRG4 Datasheet HTML 27Page - Texas Instruments ADS1178IPAPRG4 Datasheet HTML 28Page - Texas Instruments ADS1178IPAPRG4 Datasheet HTML 29Page - Texas Instruments ADS1178IPAPRG4 Datasheet HTML 30Page - Texas Instruments ADS1178IPAPRG4 Datasheet HTML 31Page - Texas Instruments ADS1178IPAPRG4 Datasheet HTML 32Page - Texas Instruments ADS1178IPAPRG4 Datasheet HTML 33Page - Texas Instruments ADS1178IPAPRG4 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
40mils(1mm)
40mils(1mm)
118mils(3mm)
ThermalVia
13mils(0.33mm)
316mils(8mm)
316mils(8mm)
ThermalPad
PackageOutline
ADS1174
ADS1178
SBAS373B – OCTOBER 2007 – REVISED SEPTEMBER 2008 ........................................................................................................................................ www.ti.com
Figure 31. Thermal Pad Etch and Via Pattern for the 64-Lead HTQFP Package
30
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS1174 ADS1178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com