Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F8723I/PTSQTP Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC18F8723I/PTSQTP
Description  64/80-Pin, 1-Mbit,Enhanced Flash Microcontrollers with 12-Bit A/D and nanoWatt Technology
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F8723I/PTSQTP Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC18F8723I/PTSQTP Datasheet HTML 13Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 14Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 15Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 16Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 17Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 18Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 19Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 20Page - Microchip Technology PIC18F8723I/PTSQTP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39894A-page 15
PIC18F8723 FAMILY
PORTD is a bidirectional I/O port.
RD0/PSP0
RD0
PSP0
58
I/O
I/O
ST
TTL
Digital I/O.
Parallel Slave Port data.
RD1/PSP1
RD1
PSP1
55
I/O
I/O
ST
TTL
Digital I/O.
Parallel Slave Port data.
RD2/PSP2
RD2
PSP2
54
I/O
I/O
ST
TTL
Digital I/O.
Parallel Slave Port data.
RD3/PSP3
RD3
PSP3
53
I/O
I/O
ST
TTL
Digital I/O.
Parallel Slave Port data.
RD4/PSP4/SDO2
RD4
PSP4
SDO2
52
I/O
I/O
O
ST
TTL
—
Digital I/O.
Parallel Slave Port data.
SPI data out.
RD5/PSP5/SDI2/
SDA2
RD5
PSP5
SDI2
SDA2
51
I/O
I/O
I
I/O
ST
TTL
ST
I2C/SMB
Digital I/O.
Parallel Slave Port data.
SPI data in.
I2C™ data I/O.
RD6/PSP6/SCK2/
SCL2
RD6
PSP6
SCK2
SCL2
50
I/O
I/O
I/O
I/O
ST
TTL
ST
I2C/SMB
Digital I/O.
Parallel Slave Port data.
Synchronous serial clock input/output for SPI mode.
Synchronous serial clock input/output for I2C mode.
RD7/PSP7/SS2
RD7
PSP7
SS2
49
I/O
I/O
I
ST
TTL
TTL
Digital I/O.
Parallel Slave Port data.
SPI slave select input.
TABLE 1-2:
PIC18F6628/6723 (64-PIN) PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend: TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P= Power
I2C™
= I2C/SMBus input buffer
Note 1: Default assignment for ECCP2 when Configuration bit, CCP2MX, is set.
2: Alternate assignment for ECCP2 when Configuration bit, CCP2MX, is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com