Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3125AIDBZ Datasheet(PDF) 13 Page - Texas Instruments

Part # REF3125AIDBZ
Description  Contains all support circuitry needed for the ADS1174/ADS1274
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3125AIDBZ Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF3125AIDBZ Datasheet HTML 9Page - Texas Instruments REF3125AIDBZ Datasheet HTML 10Page - Texas Instruments REF3125AIDBZ Datasheet HTML 11Page - Texas Instruments REF3125AIDBZ Datasheet HTML 12Page - Texas Instruments REF3125AIDBZ Datasheet HTML 13Page - Texas Instruments REF3125AIDBZ Datasheet HTML 14Page - Texas Instruments REF3125AIDBZ Datasheet HTML 15Page - Texas Instruments REF3125AIDBZ Datasheet HTML 16Page - Texas Instruments REF3125AIDBZ Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
9.2
Setting Up the ADS1274EVM-PDK
www.ti.com
ADS1274EVM-PDK Kit Operation
The ADS1274EVM-PDK contains both the ADS1274EVM and the MMB0 motherboard; however, the
devices are shipped unconnected. Follow these steps to set up the ADS1274EVM-PDK.
Step 1.
Unpack the ADS1274EVM-PDK kit.
Step 2.
Set the jumpers and switches on the MMB0 as shown in Figure 9.
•
Set the Boot Mode switch to USB.
•
Connect +5V and +5VA on jumper block J13 (if +5V is supplied from J14 +5VA).
•
Leave +5V and +VA disconnected on jumper block J13.
•
If the PDK will be powered from an AC adapter, connect J12. If the PDK will be powered
through the terminal block, disconnect J12. (See Section 9.3 for details on connecting the
power supply.)
Figure 9. MMB0 Initial Setup
SBAU134A – August 2008 – Revised May 2009
ADS1174EVM, ADS1274EVM, ADS1174EVM-PDK, and ADS1274EVM-PDK
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com