Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA88021 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA88021
Description  ultra low power oscillator with integrated counter for initiating one time password generation
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA88021 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA88021 Datasheet HTML 9Page - NXP Semiconductors PCA88021 Datasheet HTML 10Page - NXP Semiconductors PCA88021 Datasheet HTML 11Page - NXP Semiconductors PCA88021 Datasheet HTML 12Page - NXP Semiconductors PCA88021 Datasheet HTML 13Page - NXP Semiconductors PCA88021 Datasheet HTML 14Page - NXP Semiconductors PCA88021 Datasheet HTML 15Page - NXP Semiconductors PCA88021 Datasheet HTML 16Page - NXP Semiconductors PCA88021 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
PCA8802_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 19 February 2009
13 of 34
NXP Semiconductors
PCA8802
Smartcard RTC
Example 2: Sending dvs_cmd followed by setting the counter to A90001h is shown in
Figure 22
Example 3: Reading the counter (counter = 000011h) is shown in Figure 23.
Wrt_cmd is slave address plus write bit.
Fig 22. Setting the counter
001aaj210
S
1
0
1
0
WRT_CMD
DVS_CMD enable
0
0
0
0
A
0
0
0
1
0
0
0
1
A
1
0
0
0
SET_CMD enable
bits 23...16 = A9h
0
0
0
0
A
1
0
1
0
1
0
0
1
A
0
0
0
0
bits 15...8 = 00h
bits 7...0 = 01h
0
0
0
0
A
0
0
0
0
0
0
0
1
A
P
S
START condition
P
STOP condition
A
acknowledge from slave
Rd_cmd is slave address plus read bit.
Fig 23. Reading the counter
001aaj211
S
1
0
1
0
RD_CMD
bits 23...16 = 00h
bits 15...8 = 00h
0
0
master
driving SDA
slave
driving SDA
0
1
A
0
0
0
0
0
0
0
0
A0
0
0
0
0
0
0
0
bits 7...0 = 11h
A0
0
0
1
0
0
0
1
AP
S
START condition
P
STOP condition
A
acknowledge from slave
A
acknowledge from master
A
not acknowledge from master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com