Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6506D Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6506D
Description  CURRENT CONTROLLER FOR STEPPING MOTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6506D Datasheet(HTML) 2 Page - STMicroelectronics

  L6506D Datasheet HTML 1Page - STMicroelectronics L6506D Datasheet HTML 2Page - STMicroelectronics L6506D Datasheet HTML 3Page - STMicroelectronics L6506D Datasheet HTML 4Page - STMicroelectronics L6506D Datasheet HTML 5Page - STMicroelectronics L6506D Datasheet HTML 6Page - STMicroelectronics L6506D Datasheet HTML 7Page - STMicroelectronics L6506D Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PIN CONNECTIONS (top view)
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
10
V
Vi
Input Signals
7
V
Ptot
Total Power Dissipation (Tamb = 70
°C) for DIP18
Total Power Dissipation (Tamb = 70ÉC) for SO20
1
0.8
W
W
Tj
Junction Temperature
150
°C
Tstg
Storage Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Parameter
DIP18
SO20
Unit
Rth j-amb
Thermal Resistance Junction-ambient
Max.
80
100
°C/W
ELECTRICAL CHARACTERESTICS (VCC = 5.0V, Tamb = 25
°C; unless otherwise noted)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
7
V
ICC
Quiescent Supply Current
VCC = 7V
25
mA
DIP18
SO20
COMPARATOR SECTION
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage Range
Vsense Inputs
–0.3
3
V
VIO
Input Offset Voltage
VIN = 1.4V
±5.0
mV
IIO
Input Offset Current
±200
nA
IIB
Input Bias Current
1
µA
Response time
VREF = 1.4V VSENS = 0 to 5V
0.8
1.5
µs
L6506 -L6506D
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com