Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA3718DP Datasheet(PDF) 10 Page - STMicroelectronics

Part # TEA3718DP
Description  Stepper motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3718DP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TEA3718DP Datasheet HTML 6Page - STMicroelectronics TEA3718DP Datasheet HTML 7Page - STMicroelectronics TEA3718DP Datasheet HTML 8Page - STMicroelectronics TEA3718DP Datasheet HTML 9Page - STMicroelectronics TEA3718DP Datasheet HTML 10Page - STMicroelectronics TEA3718DP Datasheet HTML 11Page - STMicroelectronics TEA3718DP Datasheet HTML 12Page - STMicroelectronics TEA3718DP Datasheet HTML 13Page - STMicroelectronics TEA3718DP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical specifications
10/26
3.4
Electrical characteristics
Table 7.
Electrical characteristics(1)
Symbol
Parameter
Min.(2)
Typ.(2)
Max.(2)
Unit
ICC
Supply current
-
-
25
mA
VIH
High level input voltage - logic inputs 2
2
-
-
V
VIL
Low level input voltage - logic inputs
-
-
0.8
V
IIH
High level input current - logic inputs
-
-
20
µA
IIL
Low level input current - logic inputs (VI = 0.4 V)
-0.4
-
-
mA
VCH
VCM
VCL
Comparator threshold voltage (VR = 5V)
IO = 0, I1 = 0
IO = 0, I1 = 0
IO = 0, I1 = 0
390
230
65
420
250
80
440
270
90
mV
ICO
Comparator input current
-20
-
20
µA
Ioff
Output leakage current (IO = 0, I1 = 1 Tamb = 25
oC)
-
-
100
µA
Vsat(total)
Total saturation voltage drop (Im = 1 A)
SO20/Power DIP
Multiwatt
-
-
-
-
2.8
3.2
V
Ptot
Total power dissipation - Im = 1 A, fs = 30 kHz
-
3.1
3.6
W
toff
Cut off time (see
Figure 6 and Figure 7, Vmm = 10 V
Vton > 5 µs
25
30
35
ms
td
Turn off delay (see
Figure 6 and Figure 7) Tamb = 25
oC,
dVC/dt > 50 mV/µs)
-1.6
-
µs
Vsat(alarm)
Alarm output saturation voltage IO = 2 mA (Multiwatt)
-
0.8
-
V
Iref
Reference input current, VR = 5 V
-
0.4
1
mA
Vsat(source)
Source diode transistor pair
saturation voltage
Power DIP Im = 0.5 A
Power DIP Im = 1 A
-
-
1.05
1.35
1.2 (1.3)
1.5 (1.7)
V
Multiwatt Im = 0.5 A
Multiwatt Im = 1 A
-
-
-
-
1.3
1.7
V
Vf(source diode) Source diode forward voltage
If(source) = 0.5 A
-
1.1
1.5 (1.6)
V
If(source) = 1 A
-
1.25
1.7 (1.9)
Isub
Substrate leakage current
If = 1A
-
-
5
mA
Vsat(sink)
Sink diode transistor pair
saturation
Power DIP Im = 0.5 A
Power DIP Im = 1 A
-
-
1
1.2
1.2 (1.3)
1.3 (1.5)
V
Multiwatt Im = 0.5 A
Multiwatt Im = 1 A
-
-
-
-
1.3
1.5
V
Vf(sink diode)
Sink diode forward voltage
If(sink) = 0.5 A
If(sink) = 1 A
-
-
1
1.1
1.4 (1.6)
1.5 (1.9)
V
1.
Vs = Vss = 5 V, ± 5%, Vmm = 10 V to 45V, Tamb = 0 to 70oC (Tamb = 25 oC for TEA3718SFP) unless otherwise specified.
2.
Values in parentheses apply only to E-TEA3718SFP and E-TEA3718SFPTR mounted in SO20 package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com