Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA3718SFP Datasheet(PDF) 19 Page - STMicroelectronics

Part # TEA3718SFP
Description  Stepper motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3718SFP Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TEA3718SFP Datasheet HTML 15Page - STMicroelectronics TEA3718SFP Datasheet HTML 16Page - STMicroelectronics TEA3718SFP Datasheet HTML 17Page - STMicroelectronics TEA3718SFP Datasheet HTML 18Page - STMicroelectronics TEA3718SFP Datasheet HTML 19Page - STMicroelectronics TEA3718SFP Datasheet HTML 20Page - STMicroelectronics TEA3718SFP Datasheet HTML 21Page - STMicroelectronics TEA3718SFP Datasheet HTML 22Page - STMicroelectronics TEA3718SFP Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Application notes
19/26
6
Application notes
6.1
Motor selection
Some stepper motors are not designed for continuous operation at maximum current. As the
circuit drives a constant current through the motor, its temperature might increase
excessively both at low and high speed operation.
Also, some stepper motors have such high core losses that they are not suited for switch
mode current regulation.
6.2
Unused inputs
Unused inputs should be connected to proper voltage levels in order to get the highest noise
immunity.
6.3
Interference
As the circuit operates with switch mode current regulation, interference generation
problems might arise in some applications. A good measure might then be to decouple the
circuit with a 15 nF ceramic capacitor, located near the package between power
line VS and ground. The ground lead between RS, CC and circuit GND should be kept as
short as possible. This applies also to the lead between the sensing resistor RS and point S.
See
Section 4: Functional blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com